Electronic Components Datasheet Search
  English  ▼

X  

LINE15 Datasheet(PDF) 1 Page - LightGraphix

Part # LINE15
Description  EXTERIOR/ INTERIOR LINEAR RIGID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LINE15 Datasheet(HTML) 1 Page - LightGraphix

  LINE15 Datasheet HTML 1Page - LightGraphix LINE15 Datasheet HTML 2Page - LightGraphix LINE15 Datasheet HTML 3Page - LightGraphix LINE15 Datasheet HTML 4Page - LightGraphix LINE15 Datasheet HTML 5Page - LightGraphix LINE15 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LINE 15
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 6 | Data sheet issued: 23 April 2026
>
Colour-matched to the full LightGraphix range for uniform illumination
across all luminaire types
>
Ultra-shallow 15 mm depth for confined details
>
Built-in reflector and colourLED® polycarbonate for flawless diffusion
>
Colour-matched LEDs within 2-step MacAdam ellipse
>
Continuous lengths up to 4.013m; 50mm cut increments
>
Various LED outputs
>
Rigid profile with minimal 1mm end caps
>
IP54 as standard; IP67 version available for wet areas
>
Range of mounting options
>
Dimming: Switched, 1–10 V, DMX, DALI
>
Designed, manufactured, and tested in the UK
KEY FEATURES
DIMENSIONS
For fixings and dimensions please go to page 3.
20
20
Specify
DIM
No spotting when used over reflective/polished surfaces
LINE 15
Colour-Matched. Precision-Cut. Quality-Assured.
Built to Blend. Install-Ready.
Trusted by designers for precision, consistency, and total
system integration. Our updated and extended Linear range
brings that same expertise to flexible and rigid luminaires,
giving you the freedom to create clean, continuous lines of
light, perfectly matched in colour, quality, and performance
across every application.
Line 15 is an exceptionally shallow 24V linear system engineered
for indirect applications demanding smooth, spot-free illumination.
Developed in collaboration with BWF Germany, its polycarbonate
extrusion uses colourLED® technology and an integrated reflector
to deliver high light transmission with minimal efficiency loss.
At just 15 mm deep, it’s ideal for shelves, cabinetry, and other tight
architectural recesses where the quality of diffusion is critical.
Each fitting is built to order and tested in-house, providing
precise lengths, clean visual continuity, and reliable
performance across interior applications.
EXTERIOR/ INTERIOR LINEAR RIGID


Similar Part No. - LINE15

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LINE11 LIGHTGRAPHIX-LINE11 Datasheet
4Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
29 April 2026
LINE11-LT900 LIGHTGRAPHIX-LINE11-LT900 Datasheet
4Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
29 April 2026
More results

Similar Description - LINE15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
Automotive Lighting Interior and Exterior
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com