Electronic Components Datasheet Search
  English  ▼

X  

MC33172 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MC33172
Description  LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC33172 Datasheet(HTML) 2 Page - STMicroelectronics

  MC33172 Datasheet HTML 1Page - STMicroelectronics MC33172 Datasheet HTML 2Page - STMicroelectronics MC33172 Datasheet HTML 3Page - STMicroelectronics MC33172 Datasheet HTML 4Page - STMicroelectronics MC33172 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage Range
±2to ±22
V
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±22
V
Vid
Differential Input Voltage
(Note 1)
V
Vi
Input Voltage
(Note 1)
V
Output Short Circuit Duration
Indefinite
s
Toper
Operating Temperature Range
MC33172
MC35172
-40 to 105
-55 to 125
oC
Tj
Junction Temperature
150
oC
Tstg
Storage Temperature
-65 to 150
oC
Note 1: Either or both in put voltages must not exceed the magnitude of VCC.
V+
CC
T1
T7
R4
T8
T9
R3
T6
T2
T5
T3
R1
T4
R2
T13
T14
T19
R5
R7
R8
T10
T11
R6
T15
T16
R9
T20
R10
T17
Input +
T12
T13
T24
C
T21
T22
R11
T23
T27
T29
R12
R15
T30
T31
T28
R14
Output
R13
V-
CC
Input -
T25
T26
SCHEMATIC DIAGRAM (for 1/2 MC33172)
MC33172 - 35172
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com