Electronic Components Datasheet Search
  English  ▼

X  

75136PI Datasheet(PDF) 1 Page - Philex Electronic Ltd.

Part # 75136PI
Description  3M USB-C to Lightning Charging Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.

75136PI Datasheet(HTML) 1 Page - Philex Electronic Ltd.

  75136PI Datasheet HTML 1Page - Philex Electronic Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01234 26 37 37
sales@philex.com
www.philex.com
Distributed By
3M USB-C to Lightning Charging Cable
with C94 connector, for data and charging
Part Number:
75136PI
SLx’s 3M USB-C to Lightning Cable, equipped with a C94
connector, is your go-to solution for long-range charging
and data transfer. With nylon braiding, this cable promises
durability and consistent performance for your devices.
Features & Benefits
• USB-C to Lightning cable for efficient charging and data syncing.
• 3M length allows for flexible usage across various distances.
• C94 connector ensures broad compatibility with numerous devices.
• Robust nylon braiding and premium aluminium housing for long-lasting use.
• Ideal for connecting USB-C devices to Lightning ports.
• Durable design withstands the demands of daily use.
Technical Specifications
Type
Type-C to Lightning
Length
3m
Cable
Nylon braiding
Housing
Aluminium
Rating
9V������2A (18W Max.)
Transfer Speed
Up to 480Mbps
Colour
Black
Product Specifications
Barcode
5050171088388
Units per Pack
1
Packaging Size
9 x 11.5 x 2.5cm
Finished Packaging Weight
98g
Outer Box Qty
122
Outer Size
35 x 38 x 29cm
Outer Gross Weight
12.451kg
Outer Net Weight
11.956kg


Similar Part No. - 75136PI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
75136 TI-75136 Datasheet
115Kb / 5P
QUADRUPLE BUS TRANSCEIVER WITH 3-STATE OUTPUT
logo
Vishay Siliconix
75136 VISHAY-75136 Datasheet
116Kb / 1P
Power-Pole Assembly for the Power Electronics Lab
24-Nov-15
More results

Similar Description - 75136PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Tripp Lite. All Rights ...
M100-003-LRA-WH TRIPPLITE-M100-003-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 3 ft. Cord, Reversible Lightning Plug
M100-006-LRA-WH TRIPPLITE-M100-006-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 6 ft. Cord, Reversible Lightning Plug
logo
Prolific Technology Inc...
PL2887 PROLIFIC-PL2887 Datasheet
204Kb / 1P
USB Type-C Charging Controller
logo
Tripp Lite. All Rights ...
U436-06N-GB-C TRIPPLITE-U436-06N-GB-C Datasheet
182Kb / 4P
USB-C to Gigabit Network Adapter with USB-C PD Charging - Thunderbolt 3, Black
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
logo
IOGEAR
GUL01 IOGEAR-GUL01 Datasheet
130Kb / 3P
Charge & Sync Cable, 3.3ft (1m) - USB to Lightning Cable
GUL02 IOGEAR-GUL02 Datasheet
130Kb / 3P
Charge & Sync Cable, 6.5 ft. (2m) - USB to Lightning Cable
GUMU03 IOGEAR-GUMU03 Datasheet
132Kb / 3P
Charge & Sync Cable, 9.8ft (3m) - USB to Micro USB Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com