Electronic Components Datasheet Search
  English  ▼

X  

APW8716 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8716
Description  High Input Voltage 12A PWM Converter With Adj. Soft Start
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8716 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8716 Datasheet HTML 1Page - Anpec Electronics Coropration APW8716 Datasheet HTML 2Page - Anpec Electronics Coropration APW8716 Datasheet HTML 3Page - Anpec Electronics Coropration APW8716 Datasheet HTML 4Page - Anpec Electronics Coropration APW8716 Datasheet HTML 5Page - Anpec Electronics Coropration APW8716 Datasheet HTML 6Page - Anpec Electronics Coropration APW8716 Datasheet HTML 7Page - Anpec Electronics Coropration APW8716 Datasheet HTML 8Page - Anpec Electronics Coropration APW8716 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.3 - Nov., 2015
www.anpec.com.tw
2
APW8716
Preliminary
Simplified Application Circuit
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
APW8716
Handling Code
Temperature Range
Package Code
Package Code
QB: TQFN5x5-30
Operating Ambient Temperature Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
°
Assembly Material
APW8716 QB :
APW8716
XXXXX
XXXXX - Date Code
G : Halogen and Lead Free Device
VOUT
L1
EN
APW8716
VIN
CSS
SS
COUT
PFM
POK
VCC
LX
VIN
RPOK
H / L
TQFN5x5-30 (TOP VIEW)
AGND
VIN
LX
POK1
EN2
PFM3
AGND4
FB5
TON6
NC7
8
9
10 11
12 13 14
LX
22
LX
21
LX
20
PGND
19
PGND
18
PGND
17
PGND
16
PGND
15
30 29 28 27
25 24 23
26
=Exposed and Thermal Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com