Electronic Components Datasheet Search
  English  ▼

X  

SD24 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SD24
Description  TVS Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SD24 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SD24 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SD24 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SD24 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T
www.kexin.com.cn
2
Diodes
SMD Type
TVS Diodes
SD03 ~ SD24C
Note 1: Part numbers with an additional “C” suffix are bidirectional devices, i.e., SD05C.
Note 2: For Bidirectional Devices Only: Electrical characteristics apply in both directions.
PART
NUMBER
(See Note 1
& Note 2)
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20μs
VC @ IPP
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
pF
SD03
SD03C
SD05
SD05C
SD08
SD08C
SD12
SD12C
SD15
SD15C
SD18
SD18C
SD24
SD24C
3
3C
5
5C
8
8C
2
2C
6
6C
1
1C
4
4C
4.0
4.0
6.0
6.0
8.5
8.5
13.3
13.3
16.7
16.7
20.0
20.0
26.7
26.7
7.0
7.0
9.8
9.8
13.4
13.4
19.0
19.0
24.0
24.0
29.0
29.0
43.0
43.0
19.0V @ 20.0A
19.0V @ 20.0A
18.3V @ 17.0A
18.3V @ 17.0A
18.5V @ 17.0A
18.5V @ 17.0A
28.6V @ 11.0A
28.6V @ 11.0A
31.8V @ 10.0A
31.8V @ 10.0A
45.0V @ 8.0A
45.0V @ 8.0A
56.0V @ 6.0A
56.0V @ 6.0A
3
3
3
3
3
3
3
3
3
3
3
3
3
3
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
μA
5
5
5
5
2
2
1
1
1
1
1
1
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
3.3
3.3
5.0
5.0
8.0
8.0
12.0
12.0
15.0
15.0
18.0
18.0
24.0
24.0
Electrical Characteristics Per Line @ 25°C Unless Otherwise Specified
FIGURE 2
PULSE WAVE FORM
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - μs
0
5
10
15
20
25
30
t - Time - μs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8μs
t
d = 20μs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
10
100
1,000
10,000
350W, 8/20μs Waveform
Typical Characterisitics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com