Electronic Components Datasheet Search
  English  ▼

X  

150L20 Datasheet(PDF) 4 Page - Harris Corporation

Part # 150L20
Description  UL Recognized Radial Lead Metal-Oxide Varistors for Line Voltage Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

150L20 Datasheet(HTML) 4 Page - Harris Corporation

  150L20 Datasheet HTML 1Page - Harris Corporation 150L20 Datasheet HTML 2Page - Harris Corporation 150L20 Datasheet HTML 3Page - Harris Corporation 150L20 Datasheet HTML 4Page - Harris Corporation 150L20 Datasheet HTML 5Page - Harris Corporation 150L20 Datasheet HTML 6Page - Harris Corporation 150L20 Datasheet HTML 7Page - Harris Corporation 150L20 Datasheet HTML 8Page - Harris Corporation 150L20 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4-62
LA Series
Power Dissipation Ratings
Continuous power dissipation capability is not an applicable
design requirement for a suppressor, unless transients occur
in rapid succession. Under this condition, the average power
dissipation required is simply the energy (watt-seconds) per
pulse times the number of pulses per second. The power so
developed must be within the specifications shown on the
Device Ratings and Specifications table for the specific
device. Furthermore, the operating values need to be der-
ated at high temperatures as shown in Figure 1. Because
varistors can only dissipate a relatively small amount of
average power they are, therefore, not suitable for repetitive
applications that involve substantial amounts of average
power dissipation.
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100 110
120 130 140 150
AMBIENT TEMPERATURE (oC)
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
100
90
50
10
O1
T
T1
T2
TIME
O1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T1 = Virtual Front Time = 1.25 • t
T2 = Virtual Time to Half Value (Impulse Duration)
Example: For an 8/20
µs Current Waveform:
8
µs = T
1 = Virtual Front Time
20
µs = T
2 = Virtual Time to Half Value
Transient V-I Characteristics Curves
FIGURE 3. CLAMPING VOLTAGE FOR V130LA1 - V300LA2
FIGURE 4. CLAMPING VOLTAGE FOR V130LA2 - V300LA4
200
6,000
5,000
4,000
3,000
1,000
900
800
700
600
500
400
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V150LA1
V130LA1
V300LA2
V275LA2
V250LA2
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 7mm
130 TO 300VM(AC) RATING
TA = -55
oC TO +85oC
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 7mm
130 TO 300VM(AC) RATING
TA = -55
oC TO +85oC
V300LA4
V275LA4
V250LA4
V230LA4
V130LA2
V140LA2
V150LA2
V175LA2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com