Electronic Components Datasheet Search
  English  ▼

X  

BM-202 Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # BM-202
Description  Audible Alarm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

BM-202 Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  BM-202 Datasheet HTML 1Page - PATLITE CORPORATION. BM-202 Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[General Specifications]
There are no contents of controlled substances
exceeding the threshold for the RoHS Directive.
Remarks
Conforms to the UKCA
Requirements
Conformity Standards
EMC Directive
(EN 55011, EN 61000-6-2)
RoHS Directive (EN IEC 63000)
Conforms to the CE
Requirements
Operating Ambient Humidity
Less than 85% (No condensation)
Mounting Direction
Upright only
Operating Voltage Range
Product Name
Audible Alarm
Model
Rated Voltage
Rated Voltage ±10%
-10℃ to +60℃
BM-220
220V AC
19.6m/s² (IEC 60068-2-6 30Hz Fixed frequency)
Sound Pressure Level
More than 1MΩ at 500VDC between live part and
non-current carrying metallic part
AC 1500V 1 minute
CH Priority
1ch > 2ch
Transduser
Piezo electric speaker
80dB(at 1 m)
85dB(at 1 m)
Between the power wire and the mounting ring.
Withstand Voltage
φ30.5mm
Mass(Tolerance ±10%)
100 g
Mounting Hole Dimension
Continuous Operating Time
Page
SPECIFICATIONS
Drawing No.
Rev.
BM-202-W18
H
BM-202
BM-210
24V AC/DC
100V AC
0.4W
2.5W
Operating Ambient Temperature
3.5W
Wiring
Mounting Location
Protection Rating
Insulation Resistance
AC 500V 1 minute
500 h
Mounting Board Tickness
7 mm or less
Sound
CH1 : Rapid(Hi-Lo)  CH2 : Stutter (Rapid intermittene horn)
Indoor use only
IP30 (IEC 60529)
Rated Power Consumption
Vibration Resistance
CH.1
CH.2
COM
V
Fuse : 1A
※ BM202 is AC/DC type.
Therefore, power supply’s
polarity isn’t mentioned.
Power
Supply
1/2


Similar Part No. - BM-202

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BM-20257MD YSTONE-BM-20257MD Datasheet
137Kb / 1P
Single Color 5x7 Dot Matrix Displays
BM-20257ND YSTONE-BM-20257ND Datasheet
137Kb / 1P
Single Color 5x7 Dot Matrix Displays
logo
BRIGHT LED ELECTRONICS ...
BM-20258MD BRIGHT-BM-20258MD Datasheet
199Kb / 3P
60.8mm(2.394) matrix height 5횞8 dot matrix display
logo
Yellow Stone Corp
BM-20258MD YSTONE-BM-20258MD Datasheet
155Kb / 1P
Single Color 5x8 Dot Matrix Displays
BM-20258ND YSTONE-BM-20258ND Datasheet
155Kb / 1P
Single Color 5x8 Dot Matrix Displays
More results

Similar Description - BM-202

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
AS-24MCW-FR GAMEWELL-FCI-AS-24MCW-FR Datasheet
278Kb / 4P
Wheelock AS Series Audible Strobe Devices & AH Series Audible Devices
logo
Advantech Co., Ltd.
ACP-4000 ADVANTECH-ACP-4000 Datasheet
1Mb / 2P
4U Rackmount Chassis with Visible & Audible Alarm Notification
logo
Littelfuse
SX01E LITTELFUSE-SX01E Datasheet
366Kb / 10P
Excellent for lower current heat, lamp, and audible alarm controls for home goods.
logo
Advantech Co., Ltd.
ACP-4000 ADVANTECH-ACP-4000_12 Datasheet
2Mb / 2P
4U Rackmount Chassis with Visual & Audible Alarm Notification
SYS-4U4000-7A01 ADVANTECH-SYS-4U4000-7A01 Datasheet
1Mb / 2P
4U Intel짰 Core??i7/i5/i3 ATX/ SBC System with Visual & Audible Alarm Notification
logo
TOKO, Inc
DFEG12060D TOKO-DFEG12060D Datasheet
229Kb / 1P
Low audible core noise
FDUE1260 TOKO-FDUE1260 Datasheet
217Kb / 1P
Low audible core noise
logo
Banner Engineering Corp...
TL50A BANNER-TL50A Datasheet
511Kb / 5P
TL50A Audible Indicators
logo
Pepperl+Fuchs Inc.
VAZ-HORN-70MM-105DBA PF-VAZ-HORN-70MM-105DBA Datasheet
632Kb / 2P
Stack light audible alarm
VAZ-HORN1-70MM-85DBA PF-VAZ-HORN1-70MM-85DBA Datasheet
838Kb / 2P
Stack light audible alarm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com