Electronic Components Datasheet Search
  English  ▼

X  

3XL Datasheet(PDF) 2 Page - Bogen Communications LLC

Part # 3XL
Description  HIGH-PERFORMANCE 350 WATTS PER CHANNEL AMPLIFIER WITH INTEGRATED DSP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

3XL Datasheet(HTML) 2 Page - Bogen Communications LLC

  3XL Datasheet HTML 1Page - Bogen Communications LLC 3XL Datasheet HTML 2Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.bogen.com
NEAR is a Division of Bogen Communications, Inc.
© 2013-2017, Specifications are subject to change.
FEATURES
3XL
350 WATTS PER CHANNEL
POWER AMPLIFIER
WITH INTEGRATED DSP
SPECIFICATIONS
• High power output: 2 x 350W @ 4/8/16 ohms or 70V/100V
• Universal power: Switched-Mode power supply with active
(Power Factor Correction) PFC and wide range input
• Class D amplifier output stages with efficiency up to 90%
• Protection: Self-limiting and shutdown protection circuitry including Clip,
Over-current, Over/Under voltage, Output DC and Over-temperature
• Line output circuit for use in driving additional power amplifiers
or other line level devices
• Excellent sonic performance with 24 bit high-end converters coupled
with 48kHz/24 bit DSP sample rate
• Very low-noise, highly efficient fan cooling system
• NEAR custom DSP engine:
- 5 band parametric equalization per input channel
- 7 band parametric equalization per output channel
- Each band can be switched to Bell, Low/High Shelving,
Low/High-Pass, and Notch filtering
• Crossover filters with slopes from 6dB/Octave up to 48dB/Octave
including Butterworth, Bessel, Linkwitz-Riley types
• Adjustable RMS Compressor, including variable ratio and knee,
for each input and adjustable Peak Limiter for each output
• Adjustable Delay time up to 960ms for every input and output channel
• Storage for 16 presets for system configurations
• Front panel interactive LCD display for local access
and configuration via rotary push button control
• Flexible transformer-less output Speaker Drive mode settings for low-
impedance or high-impedance applications
• Ethernet interface connection for system setup, monitoring, and
control via an intuitive Windows-based GUI application for the
integrator/user
• Automatic Stand-By Mode; selectable Sleep Mode
• Accessories (sold separately):
AC Power Line Cord – UK version (P/N: ACLCUK)
BS 546 to IEC-320-C13 plug connectors; 1.5m length
AC Power Line Cord – EU version (P/N: ACLCEU)
CEE 7/7 to IEC-320-C13 plug connectors; 1.5m length
0
I
OFF
DSP Power Amplifier

3XL REAR PANEL

POWER & AMPLIFIER
 Number of Channels…………………………………........................…2
 Dynamic Power (6dB Crest Factor)…………….....................2 x 350W
 Input Sensitivity…………...................................................................1V
 Output Circuitry…………...........................................................Class-D
 Output Types…………......................................4/8/16-ohm, 70V, 100V
 THD @ Rated power 4 ohms (1kHz)….....0.02% (1W), 0.05% (60W),
0.08% (100W)
 S/N Ratio (20K BW)…………......................104dB ref. 70V, full power
 Frequency Response……………………...........20Hz – 20kHz ,-1.5dB
(1W, 4 ohm to 8 ohm load)
 Damping Factor………………...........>120 (4 ohms/1kHz input signal)
 Power Supply……...................................... Switched-Mode, with PFC
 Operating Range…………………......100-240 VAC (50Hz/60Hz),1.5A
 Protections………………...…Clip, Over-Current, Over/Under Voltage,
Output DC, and Over-Temperature
 Analog Input…...2 x XLR electronically balanced, 2 x RCA unbalanced
 Analog Output…...........................2 x pluggable terminal Amplifier BTL,
1 x XLR electronically balanced, 1 x RCA unbalanced
GUI Application…....................Windows XP® or later, 512MB RAM min.


GENERAL
 Dimensions……………………………….....19” W x 3.5” H x 15-1/2” D
(483mm x 89mm x 394mm) - 2RU
 Weight, Net/Shipping……..17.7 lbs. (8.06 Kg) / 24.18 lbs. (10.97 Kg)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com