Electronic Components Datasheet Search
  English  ▼

X  

A12 Datasheet(PDF) 3 Page - Bogen Communications LLC

Part # A12
Description  High-Output, Long-Throw Loudspeaker
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

A12 Datasheet(HTML) 3 Page - Bogen Communications LLC

  A12 Datasheet HTML 1Page - Bogen Communications LLC A12 Datasheet HTML 2Page - Bogen Communications LLC A12 Datasheet HTML 3Page - Bogen Communications LLC A12 Datasheet HTML 4Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
-6
-12
-18
-24
-30
-36
0
30
60
90
120
150
180
210
240
270
300
330
500 Hz
1 kHz
2 kHz
-6
-12
-18
-24
-30
-36
0
30
60
90
120
150
180
210
240
270
300
330
Vertical
Polar Response
-6
-12
-18
-24
-30
-36
0
30
60
90
120
150
180
210
240
270
300
330
500 Hz
1 kHz
2 kHz
4 kHz
8 kHz
16 kHz
Horizontal
Polar Response
Frequency Response
(Half-space @
1M)
128 W
64 W
32 W
16 W
8 W
1W / 16-ohm
-6
-12
-18
-24
-30
-36
0
30
60
90
120
150
180
210
240
270
300
330
4 kHz
8 kHz
16 kHz
Horizontal
Horizontal
Vertical
Vertical
100
200
500
1K
2K
5K
10K
20K
50
70
80
90
100
110
120
(Hz)
(dBspl)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com