Electronic Components Datasheet Search
  English  ▼

X  

PS240 Datasheet(PDF) 1 Page - Bogen Communications LLC

Part # PS240
Description  MT300M Matching Transformer Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

PS240 Datasheet(HTML) 1 Page - Bogen Communications LLC

  PS240 Datasheet HTML 1Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT300M Matching
Transformer Module
(250W Max)
Optimize your background
music/paging system's performance
when driving 70.7V transformer-
based speakers using the
MT300M with direct drive Class
D audio power amplifiers.
The MT300M will provide broadest
range of sound pressure level
when utilizing Bogen’s Class D
direct drive amplifiers in 70.7V
retrofit installations where the
loudspeakers and wiring are
being reused and the overall
wire lengths, wire gauge, and the
loudspeaker power tap settings
are unknown.
Product
Description
BOGEN.COM 1.800.999.2809
+ Single unit per amplifier output channel
+ Rack or wall mounting options
+ Convenient phoenix style plug connectors
(Amplifiers used with the MT300M must be capable
of setting a high-pass (low-cut) filter at a minimum of
50Hz to prevent distortion that can occur due to
transformer saturation.)
Features and Benefits:
Applications Table
PS60
PS120
PS240
PS600
NQ-A2060-G2
NQ-A2120-G2
NQ-A2300-G2
NQ-A4060-G2
NQ-A4120-G2
NQ-A4300-G2
NQ-PA120
NQ-PA240
NQ-PA600
25V
-
-
-
-
-
-
-
-
-
-
-
-
-
70V
Retrofit
(R*>50Ω)
(R*>50Ω)
(R*>50Ω)
(R*>50Ω)
(R*>50Ω)
(R*>50Ω)
(R*>50Ω)
(R*>50Ω)
(R*>50Ω)
*R= Total Impedance in Ohms


Similar Part No. - PS240

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PS2401 CLARE-PS2401 Datasheet
85Kb / 5P
AC Power Switch
PS2401 CLARE-PS2401 Datasheet
91Kb / 4P
AC Power Switch
PS2401 CLARE-PS2401 Datasheet
101Kb / 5P
AC Power Switch
logo
IXYS Corporation
PS2401 IXYS-PS2401 Datasheet
97Kb / 5P
Zero-Crossing Detection
logo
Powertip Technology
PS240128WRF POWERTIP-PS240128WRF Datasheet
445Kb / 27P
Standard Value
More results

Similar Description - PS240

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TEW4087 APITECH-TEW4087 Datasheet
393Kb / 1P
Matching Transformer
logo
Mini-Circuits
SFMP-5075 MINI-SFMP-5075 Datasheet
312Kb / 2P
Matching Transformer
Z7550-BFNF MINI-Z7550-BFNF Datasheet
284Kb / 2P
Matching Transformer
Z7550-BMNF MINI-Z7550-BMNF Datasheet
333Kb / 2P
Matching Transformer
Z7550-FFNM MINI-Z7550-FFNM Datasheet
363Kb / 2P
Matching Transformer
Z7550-FFSF MINI-Z7550-FFSF Datasheet
324Kb / 2P
Matching Transformer
Z7550-FMSF MINI-Z7550-FMSF Datasheet
297Kb / 2P
Matching Transformer
Z7550-FMSFDC MINI-Z7550-FMSFDC Datasheet
283Kb / 2P
Matching Transformer
Z7550-NMNF MINI-Z7550-NMNF Datasheet
404Kb / 2P
Matching Transformer
Z7550-BMBF MINI-Z7550-BMBF Datasheet
379Kb / 2P
Matching Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com