Electronic Components Datasheet Search
  English  ▼

X  

AFI-2S2 Datasheet(PDF) 1 Page - Bogen Communications LLC

Part # AFI-2S2
Description  Contractor Series Loudspeaker System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

AFI-2S2 Datasheet(HTML) 1 Page - Bogen Communications LLC

  AFI-2S2 Datasheet HTML 1Page - Bogen Communications LLC AFI-2S2 Datasheet HTML 2Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Driver Complement:
Low Frequency
: Dual Apogee 8"(203mm) permanent magnet cone-
type drivers are treated with a waterproofing compound, providing
resistance to moisture, and enabling long-term stability of cone
resonance and cone mass parameters
High Frequency
: One Apogee 1.4" (35.6mm) voice coil, 1.0"
(25.4mm) exit horn-loaded compression driver thermally cooled
with Ferrofluid
Input Connectors:
Barrier strip, screw type #8
Compatible Processors:
AF I Main Frame Controller Chassis (using AF I-2 Module) or DLC24
Handles:
Two handles – one top, one bottom – designed as an integral part of
the enclosure (no moving parts)
Grille:
Highly durable, quality finish on perforated steel (aluminum on
SX version)
Rigging Hardware:
Yoke: Two rigging points, one on top and one on bottom, to accept a
yoke; points are backed with 16-gauge steel and can be type 3/8" –
16
or M10 thread
OmniMount®: Bolt pattern on back panel accepts 60.0 series mount
Finish:
Textured high-strength black or white epoxy paint; other colors
optional
Enclosure Type:
20
° trapezoidal, optimally-vented bass
Cabinet Construction:
Multi-ply hardwood with stainless steel fasteners
Options/Accessories:
• AF I Controller Processor or DLC24 Digital Processor
• SX weather treatment for use in limited exposure enclosures
• Assorted rigging components
Contractor Series
Loudspeaker System
Engineering Data:
Description:
Format:
Passive/Two-way
Dispersion:
H:
75
° x V: 60° (rotatable)
Frequency Response (1m on axis):
66
Hz to 15.5 kHz ± 3 dB
Max. SPL (@1m):
120
dB cont./126 dB peak
PTML (peak transient mechanical limit):
135
dB
Sensitivity (1W @ 1m):
96
dB
Nominal Impedance:
16
ohms
Max. Power Handling:
225
W cont./900W peak
Dimensions:
front:
9.7
"(247mm) W x 26.4"(671mm) H
rear:
5.8
"(148mm) W x 26.4"(671mm) H
depth: 12.7"(323mm)
Weight:
36
lb. (16.3 kg)
The AFI-2s2, with its carefully arranged
woofers, extends vertical pattern control down
to 500 Hz making it ideal for smaller spaces
with poor acoustics. It is well suited for use as
the main speaker in mid-sized houses of
worship, auditoriums, and meeting rooms.
With 120dB max SPL, the AFI-2s2 is powerful
enough for bars and small clubs.
AF
I-2s2


Similar Part No. - AFI-2S2

ManufacturerPart #DatasheetDescription
logo
Bogen Communications LL...
AFI-115 BOGEN-AFI-115 Datasheet
324Kb / 2P
Subwoofer System
2017
AFI-118 BOGEN-AFI-118 Datasheet
286Kb / 2P
Subwoofer System
2017
AFI-1S2 BOGEN-AFI-1S2 Datasheet
469Kb / 2P
Contractor Series Loudspeaker System
2017
AFI-3 BOGEN-AFI-3 Datasheet
494Kb / 2P
Contractor Series Loudspeaker System
2017
AFI-4 BOGEN-AFI-4 Datasheet
446Kb / 2P
Contractor Series Loudspeaker System
2017
More results

Similar Description - AFI-2S2

ManufacturerPart #DatasheetDescription
logo
Energizer
IN421 ENERGIZER-IN421 Datasheet
123Kb / 1P
Contractor Flashlight
K220 ENERGIZER-K220 Datasheet
98Kb / 1P
Contractor Flashlight
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
LOUDSPEAKER APPLIANCES
logo
Panasonic Battery Group
LR20XWA PANASONICBATTERY-LR20XWA Datasheet
1Mb / 1P
Industrial Alkaline Contractor Packs
logo
Extech Instruments Corp...
MO280-RK EXTECH-MO280-RK Datasheet
332Kb / 1P
Restoration Contractor?셲 Kit
MO290-RK EXTECH-MO290-RK Datasheet
273Kb / 1P
Water Restoration Contractor Kit
MO290-RK1 EXTECH-MO290-RK1 Datasheet
363Kb / 1P
Water Restoration Contractor Kit
MO290-RK1-I7 EXTECH-MO290-RK1-I7 Datasheet
378Kb / 1P
Water Restoration Contractor Kit
logo
Assmann Electronics Inc...
AK-AV201-R ASSMANN-AK-AV201-R Datasheet
86Kb / 1P
CONTRACTOR RESISTACE : 2OHM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com