Electronic Components Datasheet Search
  English  ▼

X  

AFI-9 Datasheet(PDF) 1 Page - Bogen Communications LLC

Part # AFI-9
Description  Arrayable Loudspeaker System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

AFI-9 Datasheet(HTML) 1 Page - Bogen Communications LLC

  AFI-9 Datasheet HTML 1Page - Bogen Communications LLC AFI-9 Datasheet HTML 2Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Driver Complement:
Low Frequency:
Two Apogee 12" (305mm) neodymium magnet cone-
type drivers are constructed of inherently waterproof compounds,
providing very high resistance to moisture, enabling long-term stability
of cone resonance and cone mass parameters. Magnet structure is
encased in an integral heat-sink for long-term high-power applications,
lowered distortion, and superb control of short-term impedance rise.
Mid Frequency:
Two Apogee 6-1/2" (165mm) permanent magnet cone-
type drivers are treated with waterproofing compound. In addition, a
unique baffle mounting arrangement protects the driver cones from direct
ingress of water or foreign elements. A totally enclosed frame design
isolates the back wave output from interference with the low frequency
chamber and protects the cone from any ingress of particles or moisture.
High Frequency:
One Apogee 4" (100mm) voice coil, 2" (51mm) exit horn-
loaded compression driver, driven by a powerful neodymium magnet
structure; diaphragm is constructed of ceramic-coated metal alloy. The use
of the most up-to-date Ferrotec Ferrofluid® developed for compression
drivers assures greater power handling capability and lower distortion, and
ensures that the short- and long-term impedance rises are minimal.
Input Connectors:
Barrier strip, screw type #8
Compatible Processors:
Apogee DLC24 Digital Processor
Handles:
Two handles – one top, one bottom – designed as an integral part of
the enclosure (no moving parts)
Grille:
Highly durable, heavy gauge steel with a quality powder-coated
finish (aluminum used on SX version)
Rigging Hardware:
Six rigging points, three each on top and bottom, backed with 16-
gauge steel plates; plates can be type 3/8"-16 or M10 thread
Finish:
Textured high-strength black epoxy paint; other colors optional
Enclosure Type:
30
degree trapezoidal design with point-source radiation pattern
Cabinet Construction:
Multi-ply, void-free hardwood
Options/Accessories:
• Apogee DLC24 Digital Processor
• "SX" weather treatment for use in limited exposure enclosures
• Assorted rigging components
Arrayable Loudspeaker
System
Engineering Data:
Description:
Format:
AF
I-9 Passive/Three-way
Dispersion:
H: 60
° x V: 40°
Frequency Response
(1m on axis, w/DLC24 Processor):
55
Hz to 20 kHz ± 3 dB
Max. SPL (@1m):
AF
I-9 132 dB cont./138 dB peak
PTML (peak transient mechanical limit):
AF
I-9 147 dB
Sensitivity (1W @ 1m):
AF
I-9 104 dB SPL/100 Hz to 10 kHz
Nominal Impedance:
System:
16
ohms
LF:
2 x 8
ohms = 16 ohms
MF: 2 x 8
ohms = 16 ohms
HF: 1 x 8
ohms = 8 ohms
Max. Power Handling:
AF
I-9 600W cont./2400W peak
Dimensions:
front: 28.25"(717mm) W x 30.83"(783mm) H
rear: 15.39"(391mm) W x 30.83"(783mm) H
depth: 24.95"(634mm)
Weight:
144
lb. (65.3 kg)
The AFI-9 is a fully arrayable loudspeaker capable
of filling large churches, theaters, sports venues,
and theme parks with clean, articulate full
bandwidth sound. Available with a 60° x 40°
mid/high-frequency horn, the point source MF/HF
section blends seamlessly with the dual horn-
loaded low-frequency section, insuring that the
AFI-9 works flawlessly in any room configuration.
AF
I-9


Similar Part No. - AFI-9

ManufacturerPart #DatasheetDescription
logo
Bogen Communications LL...
AFI-115 BOGEN-AFI-115 Datasheet
324Kb / 2P
Subwoofer System
2017
AFI-118 BOGEN-AFI-118 Datasheet
286Kb / 2P
Subwoofer System
2017
AFI-1S2 BOGEN-AFI-1S2 Datasheet
469Kb / 2P
Contractor Series Loudspeaker System
2017
AFI-2S2 BOGEN-AFI-2S2 Datasheet
407Kb / 2P
Contractor Series Loudspeaker System
2006
AFI-3 BOGEN-AFI-3 Datasheet
494Kb / 2P
Contractor Series Loudspeaker System
2017
More results

Similar Description - AFI-9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Apr-2003
logo
Sames
SAN2202 SAMES-SAN2202 Datasheet
81Kb / 9P
SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855_04 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Mar-2004
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
LOUDSPEAKER APPLIANCES
logo
STMicroelectronics
AN3340 STMICROELECTRONICS-AN3340 Datasheet
3Mb / 24P
Loudspeaker characterization and compensation
11-Feb-2011
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com