Electronic Components Datasheet Search
  English  ▼

X  

ALA-9 Datasheet(PDF) 2 Page - Bogen Communications LLC

Part # ALA-9
Description  Acoustic Linear Array Loudspeaker System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

ALA-9 Datasheet(HTML) 2 Page - Bogen Communications LLC

  ALA-9 Datasheet HTML 1Page - Bogen Communications LLC ALA-9 Datasheet HTML 2Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2001, 2016 Bogen Communications, Inc. 1506
The graph displayed below depicts the vertical beam width of
an array of eight ALA-9's compared to the frequency of a
theoretically perfect horn. The vertical dimension of the
perfect horn, at 178 inches*, is equal to the vertical
dimension of the eight ALA-9's.
The graph displayed below depicts the vertical beam width of
an array of five ALA-9's compared to the frequency of a
theoretically perfect horn. The vertical dimension of the
perfect horn, at 115 inches*, is equal to the vertical
dimension of the five ALA-9's.
Five ALA-9 Speakers
Eight ALA-9 Speakers
Specifications subject to change without notice. 55-0004-01D
deg.
deg.
In both graphs, it can readily be seen that the Linear Array exhibits far better control than that of the horn, particularly in the lower frequencies.
As more enclosures are added, the pattern control extends to lower and lower frequencies, while the directivity continues to increase.
* Note: If such a horn were to be built, its' excessive depth would render it impractical to transport.
Dimensional Drawings ALA-9 (dimensions in inches and millimeters)
www.apogee-sound.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com