Electronic Components Datasheet Search
  English  ▼

X  

GL-001 Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # GL-001
Description  Magnet bracket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

GL-001 Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  GL-001 Datasheet HTML 1Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[1. General Specifications]
(Unit: mm)
※ Reference drawing by GL7-M1N-T installation
Page
Drawing No.
Rev.
A
Mounting Location
Indoor/Outdoor
Supported Models
GL7-M1N-T , GL7T-M1N-T , GL7-M1N-Y , GF7-48N-Y
GL-001
SPECIFICATIONS
Product Name
Magnet bracket
[2. Outer Dimension Drawing]
Mass (Tolerance ±10%)
Outer Dimensions
0.14kg (Without accessories)
Model
Mounting Direction
※1
Remarks
Vibration Resistance
45m/s
2(JIS D 1601:1995)
Refer to "Outer Dimension Drawing"
①
-
No.
 There are no contents of controlled substances exceeding the threshold
for the RoHS Directive.
※1 The magnet bracket may come off the mounting surface depending on the
condition of the mounting surface and vibration or
impact in the environment of use.
Please use the product after confirming that there is no risk of detachment.
Parts name
Body
Magnet (Built-in)
Remarks
TPR
Neodymium
3pcs.
Recommended Torque
Supported models
Part A
Dimensions
0.7N・m
Truss Machine Screw
Size:M4×8
Matl:Stainless steel
Accessories
50
GL7T-M1N-T
65
GL7-M1N-T
GL7-M1N-Y
GF7-48N-Y
(89)
①
A
Lead Wire Exit Part
Mouting hole (×3)
1/1
GL-001-W18


Similar Part No. - GL-001

ManufacturerPart #DatasheetDescription
logo
NEC
GL-2030C NEC-GL-2030C Datasheet
3Mb / 51P
Noise Filters
logo
Kemet Corporation
GL-2030C KEMET-GL-2030C Datasheet
103Kb / 1P
KEMET, GL-C, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 3 A
GL-2030C-10 KEMET-GL-2030C-10 Datasheet
492Kb / 15P
GL Inlet Single-Phase Filters
logo
NEC
GL-2030C2 NEC-GL-2030C2 Datasheet
3Mb / 51P
Noise Filters
GL-2030C3 NEC-GL-2030C3 Datasheet
3Mb / 51P
Noise Filters
More results

Similar Description - GL-001

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
M02 MEDER-M02 Datasheet
75Kb / 1P
Magnet
M05 MEDER-M05 Datasheet
121Kb / 1P
Magnet
M12 MEDER-M12 Datasheet
104Kb / 1P
Magnet
M13 MEDER-M13 Datasheet
109Kb / 1P
Magnet
M04 MEDER-M04 Datasheet
78Kb / 1P
Magnet
M21P-1 MEDER-M21P-1 Datasheet
118Kb / 1P
Magnet
M21P-2 MEDER-M21P-2 Datasheet
103Kb / 1P
Magnet
logo
ams AG
AS5000-MD6H-1 AMSCO-AS5000-MD6H-1 Datasheet
152Kb / 1P
magnet
logo
Pepperl+Fuchs Inc.
DM06-05NDFEB PF-DM06-05NDFEB Datasheet
293Kb / 2P
Magnet
DM60-31-15 PF-DM60-31-15 Datasheet
660Kb / 2P
Magnet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com