Electronic Components Datasheet Search
  English  ▼

X  

R7F100LLG3CFB Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R7F100LLG3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLG3CFB Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R7F100LLG3CFB Datasheet HTML 20Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 21Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 22Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 23Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 24Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 25Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 26Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 27Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 148 page
background image
RL78/L23
1. Outline
R01DS0502EJ0110 Rev.1.10
Page 24 of 145
Oct 31, 2025
1.3.5
80-pin products
• 80-pin plastic LQFP (14 × 14 mm, 0.65-mm pitch)
• 80-pin plastic LFQFP (12 × 12 mm, 0.50-mm pitch)
Caution
Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF).
Remark 1. For pin identification, see 1.4 Pin Identification.
Remark 2. Functions in parentheses can be assigned via settings in the peripheral I/O redirection registers (PIORx). For details, see
4.3.10 Peripheral I/O redirection registers (PIORx) in the RL78/L23 User’s Manual.
RL78/L23
(Top View)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
P70/KR0/SEG12/TS16/TKBO20
P71/KR1/SEG13/TS15
P72/KR2/SEG14/TS14/TKBO21
P73/KR3/SEG15/TS13/TKBO10
P74/KR4/SEG16/TS12/CCD03/TKBO11/(TKBO01)
P75/KR5/SEG17/TS11/CCD02/SCK20/SCL20/(TKBO11)/(TKBO01)/(TI03)/(TO03)/(REMOOUT)/(INTP0)
P76/KR6/SEG18/TS10/CCD01/TKBO00/SI20/SDA20/RxD2/EI76/EO76/(INTP2)/(RTC1HZ)/(EXSDO1)
P77/KR7/SEG19/TS09/CCD00/TKBO01/SO20/TxD2/EI77/EO77/(TKBO21)/(TI07)/(TO07)/(INTP1)/(EXSDO0)
P30/TI03/TO03/SEG20/REMOOUT/TS08/(INTP3)/(RTC1HZ)
P31/INTP3/RTC1HZ/SEG21/TS07/(TI01)/(TO01)
P34/SEG24/TS04/(TI01)/(TO01)/(INTP0)/(RxD3)
P35/SEG25/TS03/(VCOUT0)/(INTP4)/(SO30)/(TxD3)
P125/VL3/TS02/(TI06)/(TO06)/(VCOUT1)/(INTP7)/(RxD3)/(SI30)/(SDA30)/(PCLBUZ1)
P85/VL4/(VCOUT0)/(INTP4)/(SCK10)/(SCL10)/(SCK30)/(SCL30)
P86/VL2/(TI06)/(TO06)/(INTP3)/(RxD1)/(SI10)/(SDA10)/(PCLBUZ1)
P87/VL1/(TxD1)/(SO10)
P126/CAPL/TS01/(TI04)/(TO04)/(INTP4)
P127/CAPH/TS00/(TI03)/(TO03)/(REMOOUT)
P63/SDAA1/CCD07/(TI04)/(TO04)/(INTP6)
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P20/ANI1/AVREFM/EI20/(TI00)/(INTP7)/(PCLBUZ1)
P62/SCLA1/CCD06/(TI03)/(TO03)/(REMOOUT)/(INTP5)
P03/SEG46/VCOUT0/TRJIO0/(RxD2)/(SI20)/(SDA20)/(SI31)/(SDA31)
P02/INTP7/PCLBUZ0/SEG45/(TKBO21)/(SCK20)/(SCL20)/(SCK31)/(SCL31)
P01/PCLBUZ1/SEG44/(TI05)/(TO05)/(TKBO11)/(INTP5)/(SO31)
P00/SEG43/SO00/TxD0/TOOLTxD/EI00/EO00/EXSDI0/(TKBO01)/(TRJO0)
P17/SEG42/SI00/RxD0/TOOLRxD/SDA00/EI17/EO17/EXSDI1/(TKBO01)/(TRJIO0)
P16/SEG41/SCK00/SCL00/EI16/(VCOUT0)/(TKBO01)/(RTC1HZ)
P15/TI07/TO07/SEG40
P14/TI04/TO04/SEG39/ANI26
P13/ANI25/SEG38
P12/ANI24/SEG37/EI12/CLKA0/SO11/(VCOUT1)/(TKBO00)/(TRJO1)/(PCLBUZ1)
P11/ANI23/SEG36/RxDA0/SI11/SDA11/(TKBO11)/(TRJIO1)/(INTP1)
P10/ANI22/SEG35/TxDA0/SCK11/SCL11/(TKBO10)/(INTP0)
P27/ANI21/SEG34/ANO1/EI27/RxDA1/SO21/(TKBO21)/(INTP4)/(TxD0)/(SO00)/(EXSDI1)
P26/ANI20/SEG33/ANO0/EI26/TxDA1/SI21/SDA21/(TKBO20)/(INTP5)/(RxD0)/(SI00)/(SDA00)/(EXSDI0)
P25/ANI19/SEG32/CLKA1
P24/ANI18/SEG31
P23/ANI17/SEG30/TRJIO1
P22/ANI16/SEG29/SCK21/SCL21/(SCK00)/(SCL00)/(INTP7)
P21/ANI0/AVREFP/VBAT1/EI21/(TO00)/(INTP6)/(PCLBUZ0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com