Electronic Components Datasheet Search
  English  ▼

X  

MC61ABKB Datasheet(PDF) 1 Page - Optronics International

Part # MC61ABKB
Description  Sealed Marker/Clearance Light and Reflector in Elevated Bracket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

MC61ABKB Datasheet(HTML) 1 Page - Optronics International

  MC61ABKB Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
MC61ABKB
Sealed Marker/Clearance Light and Reflector in
Elevated Bracket
Sonically sealed, waterproof
PC rated light fulfills front side marker requirement when properly mounted on a 15
degree angle
Corrosion proof, surface mount wedge base
Single wire design grounds through mounting hardware
Available in bulk and polypack packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
Accessories
Bulk
Polypack
Diodes
Description
Qty
A61EZPG
A61EZPGP
Lead wire with .180 molded male bullet on one
end, .156 molded male bullet on other end, 9"
100
Specifications
FMVSS:
P2 PC A
MATERIALS:
Light: Polycarbonate lens & housing; Reflector: Acrylic; Base: Plastic
VOLT/AMP:
0.2
WT/DIMS:
0.2 lbs. / 6.687" x 1.625" x 1.5"
WARRANTY:
Three Year Warranty


Similar Part No. - MC61ABKB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC614 ETC2-MC614 Datasheet
28Kb / 1P
Lithum-Ion / Manganese Dioxide
logo
Motorola, Inc
MC6173 MOTOROLA-MC6173 Datasheet
843Kb / 15P
2400 bps DIGITAL DEMODULATOR
MC6173L MOTOROLA-MC6173L Datasheet
843Kb / 15P
2400 bps DIGITAL DEMODULATOR
MC6173P MOTOROLA-MC6173P Datasheet
843Kb / 15P
2400 bps DIGITAL DEMODULATOR
More results

Similar Description - MC61ABKB

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
logo
Marktech Corporate
MTRS1070 MARKTECH-MTRS1070 Datasheet
1Mb / 3P
Visible Light Photo Reflector
MTRS4720D MARKTECH-MTRS4720D Datasheet
572Kb / 3P
Visible Light Photo Reflector
MTRS5250D MARKTECH-MTRS5250D Datasheet
574Kb / 3P
Visible Light Photo Reflector
MTRS5250D MARKTECH-MTRS5250D_15 Datasheet
574Kb / 3P
Visible Light Photo Reflector
MTRS5750 MARKTECH-MTRS5750_15 Datasheet
563Kb / 3P
Visible Light Photo Reflector
MTRS5750D MARKTECH-MTRS5750D_15 Datasheet
578Kb / 3P
Visible Light Photo Reflector
MTRS5900D MARKTECH-MTRS5900D_15 Datasheet
583Kb / 3P
Visible Light Photo Reflector
MTRS6140D MARKTECH-MTRS6140D_15 Datasheet
587Kb / 3P
Visible Light Photo Reflector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com