Electronic Components Datasheet Search
  English  ▼

X  

1001000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1001000000
Description  BLDF 5.08/08/180F SN BK BX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1001000000 Datasheet(HTML) 4 Page - Weidmuller

  1001000000 Datasheet HTML 1Page - Weidmuller 1001000000 Datasheet HTML 2Page - Weidmuller 1001000000 Datasheet HTML 3Page - Weidmuller 1001000000 Datasheet HTML 4Page - Weidmuller 1001000000 Datasheet HTML 5Page - Weidmuller 1001000000 Datasheet HTML 6Page - Weidmuller 1001000000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data sheet
BLDF 5.08/08/180F SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Recommended wire-
end ferrule
H1,5/16 R
Cross-section for conductor connection
Type
fine-wired
nominal
2.5 mm²
wire end ferrule
Stripping length
nominal 10 mm
Recommended wire-
end ferrule
H2,5/10
Stripping length
nominal 13 mm
Recommended wire-
end ferrule
H2,5/16DS BL
Reference text
The outside diameter of the plastic collar should not be larger than the pitch (P), Length of ferrules
is to be chosen depending on the product and the rated voltage.
 
Rated data acc. to IEC
 
tested acc. to standard
IEC 60664-1, IEC 61984
Rated current, min. number of poles
(Tu=20°C)
20.8 A
Rated current, max. number of poles
(Tu=20°C)
17.4 A
Rated current, min. number of poles
(Tu=40°C)
17.9 A
Rated current, max. number of poles
(Tu=40°C)
14.9 A
Rated current cross-connector, min.
number of poles (Ta=20°C)
28.1 A
Rated current cross-connector, max.
number of poles (Ta=20°C)
23.3 A
Rated current cross-connector, min.
number of poles (Ta=40°C)
24.2 A
Rated current cross-connector, max.
number of poles (Ta=40°C)
19.9 A
Rated voltage for surge voltage class /
pollution degree II/2
400 V
Rated voltage for surge voltage class /
pollution degree III/2
320 V
Rated voltage for surge voltage class /
pollution degree III/3
250 V
Rated impulse voltage for surge voltage
class/ pollution degree II/2
4 kV
Rated impulse voltage for surge voltage
class/ pollution degree III/2
4 kV
Rated impulse voltage for surge voltage
class/ contamination degree III/3
4 kV
Short-time withstand current resistance 3 x 1s with 120 A
 
Rated data acc. to CSA
 
Institute (CSA)
CSA
Certificate No. (CSA)
200039-1121690
Rated voltage (Use group B / CSA)
300 V
Rated voltage (Use group D / CSA)
300 V
Rated current (Use group B / CSA)
18.5 A
Rated current (Use group D / CSA)
10 A
Wire cross-section, AWG, min.
AWG 12
Wire cross-section, AWG, max.
AWG 26
Reference to approval values
Specifications are
maximum values, details -
see approval certificate.
 
Rated data acc. to UL 1059
 
Institute (cURus)
CURUS
Certificate No. (cURus)
E60693
Rated voltage (Use group B / UL 1059) 300 V
Rated voltage (Use group D / UL 1059) 300 V
Rated current (Use group B / UL 1059) 18.5 A
Rated current (Use group D / UL 1059) 10 A
Wire cross-section, AWG, min.
AWG 12
Wire cross-section, AWG, max.
AWG 26
Reference to approval values
Specifications are
maximum values, details -
see approval certificate.
 
Packing
 
Packaging
Box
VPE length
351.00 mm
VPE width
135.00 mm
VPE height
38.00 mm
 
 
Creation date 25.02.2026 03:27:17 MEZ
 
Catalogue status / Drawings
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com