Electronic Components Datasheet Search
  English  ▼

X  

BAC024 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC024
Description  CONN 75 OHM BNC M RG59 TWIST
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC024 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC024 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.4 [35.56]
BAC024 TO APPEAR
ON OPPOSITE SIDE FROM
"L-com'"
.375
ACROSS FLATS
PACKAGING:
INDIVIDUALLY PACKAGE EACH CONNECTOR IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
APPLICATION:
RG59 COAXIAL CABLE
TERMINATION:
TO INSTALL PLUG, INSERT STRIPPED CABLE END INTO REAR OF PLUG,
PLACING CENTER CONDUCTOR INTO SPRING SLOT IN PIN. TWIST
THE PLUG CLOCKWISE WHILE PUSHING THE CABLE INTO PLUG.
2-1/2 TO 3 TURNS ARE NEEDED TO PROVIDE A RELIABLE TERMINATION.
.413 10.49
.287 7.29
.255 6.48
BRAID
DIELECTRIC
CENTER CONDUCTOR
CABLE STRIPPING
DIMENSIONS
RoHS Compliant 
NOTES:
MATERIAL:
BODY: DIECAST
FERRULE: BRASS OR COPPER ALLOY
PIN: BRASS
INSULATOR: ACETAL
FINISH:
BODY: NICKEL PLATE
FERRULE: NICKEL PLATE
PIN: GOLD PLATE
ELECTRICAL:
IMPEDANCE: 75 OHM
G
G
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BAC024
G
BAC024.SLDDRW
1
1
D.PARHAM
03/09/2001
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
C.MCCORMICK
03/10/2001
1/8/08
F
G
ECN 3139: UPDATE DWG FORMAT
ECN5204: CORRECTED EXT LINE FOR .255 DIM. UPDATED PKG NOTE & FORMAT 12/10/10
D.GRIFFIN
DFP
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CONN 75 OHM BNC M RG59 TWIST
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
T.CLARK
COLOR VARIATIONS
MAY OCCUR
03/07/2001
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - BAC024

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC026 L-COM-BAC026 Datasheet
131Kb / 1P
CONN 75 OHM BNC M RG6 TWIST
11/05/2001
BAC027 L-COM-BAC027 Datasheet
58Kb / 1P
CONN 75 OHM BNC M RG59 CRIMP
05/01/2001
BAC027A L-COM-BAC027A Datasheet
136Kb / 1P
CONN 75 OHM BNC PLUG RG59 CRIMP
05/02/2001
BAC028 L-COM-BAC028 Datasheet
105Kb / 1P
CONN 75OHM BNCM RG59 CRMP TFE
11/02/2001
BAC029 L-COM-BAC029 Datasheet
50Kb / 1P
MALE BNC 75 OHM CONNECTOR
03/30/2001
More results

Similar Description - BAC024

ManufacturerPart #DatasheetDescription
logo
ITT Industries
167000-1413 ITT-167000-1413 Datasheet
44Kb / 1P
OUTER FERRULE, FOR 75-OHM BNC CRIMP CONN
logo
Pasternack Enterprises,...
PE44323 PASTERNACK-PE44323 Datasheet
261Kb / 2P
75 Ohm F Male Right Angle Connector Twist Attachment For RG59, RG62
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE4601 PASTERNACK-PE4601 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG59
PE44318 PASTERNACK-PE44318 Datasheet
207Kb / 2P
75 Ohm F Male Connector Twist Attachment For RG59, RG62
PE4613 PASTERNACK-PE4613 Datasheet
222Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG59
PE4614 PASTERNACK-PE4614 Datasheet
205Kb / 2P
75 Ohm BNC Female Connector Crimp/ Solder Attachment For RG59
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE3075-108 PASTERNACK-PE3075-108 Datasheet
354Kb / 4P
BNC Male to BNC Male Cable 108 Inch Length Using 75 Ohm RG59 Coax
logo
Samtec, Inc
HDBNC-P-C-XX-ST-CA8X SAMTEC-HDBNC-P-C-XX-ST-CA8X Datasheet
2Mb / 2P
75 OHM, HIGH DENSITY BNC STRAIGHT PLUG, RG59
02/16/2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com