Electronic Components Datasheet Search
  English  ▼

X  

BAC032 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC032
Description  75 OHM BNC CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC032 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC032 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.29±.01 7.4±0.25
.33±.01 8.3±0.25
.68 17.3
1.0 25.4
BAC032 TO APPEAR
ON OPPOSITE OF L-COM
.319 8.10
.236 6
.669 17
.314 8
BRAID
DIELECTRIC
CENTER CONDUCTOR
RECOMMENDED
FERRULE
CRIMP SIZE
CABLE STRIPPING
DIMENSIONS
NOTES:
MATERIAL: BODY, FERRULE AND CENTER PIN: BRASS
INSULATOR: ACETAL
FINISH: BODY AND FERRULE: NICKEL PLATE, 100
μ IN.
CENTER PIN: GOLD PLATE, 3-5
μ IN.
RATING: 75 OHMS
UNASSEMBLED COMPONENTS SHALL BE PACKAGED IN A SINGLE POLY BAG.
APPLICATION: RG6 COAXIAL CABLE.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BAC032
G
BAC032.SLDDRW
1
1
D.PARHAM
04/30/2001
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
05/04/01
10/31/08
F
G
ECN 3682: REVISED DIM FROM DIA .29 TO DIA .25
ECN 3687: REVISED DIM FROM .25 DIA BY TO .29 DIA., NEW FORMAT
11/4/08
D.FRISIELLO
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
75 OHM BNC CONNECTOR
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
C.MCCORMICK
COLOR VARIATIONS
MAY OCCUR
04/30/2001
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = .3
.XX = .15


Similar Part No. - BAC032

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC030 L-COM-BAC030 Datasheet
76Kb / 1P
BNC CONNECTOR, 75 OHM
11/05/2001
BAC031 L-COM-BAC031 Datasheet
93Kb / 1P
CONN 75OHM BNCM RG59 CRMP TFE
11/05/01
BAC033 L-COM-BAC033 Datasheet
139Kb / 1P
CONN 75 OHM BNC M RG59 SOLDER
11/02/2001
More results

Similar Description - BAC032

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
BNC 75 Ohm Connectors
logo
Winchester Electronics ...
SD2025-44-9 WINCHESTER-SD2025-44-9 Datasheet
76Kb / 1P
75 OHM BNC PLUG
logo
Amphenol Corporation
031-70008 AMPHENOL-031-70008 Datasheet
44Kb / 1P
BNC 75 ohm Plugs
logo
Pasternack Enterprises,...
PE44581 PASTERNACK-PE44581 Datasheet
205Kb / 2P
75 Ohm BNC Male Right Angle Connector 75 Ohm BNC Male Right Angle Connector
logo
Winchester Electronics ...
2065-18-7 WINCHESTER-2065-18-7 Datasheet
56Kb / 1P
PLUG, 75 OHM BNC
2065-19-7 WINCHESTER-2065-19-7 Datasheet
55Kb / 1P
75 OHM BNC PLUG
2065-32-7 WINCHESTER-2065-32-7 Datasheet
81Kb / 1P
75 OHM BNC PLUG
2065-33-7 WINCHESTER-2065-33-7 Datasheet
86Kb / 1P
75 OHM BNC PLUG
logo
Adam Technologies, Inc.
RF1-01V-P-00-75-M ADAM-TECH-RF1-01V-P-00-75-M Datasheet
86Kb / 1P
BNC VERTICAL 75 OHM
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com