Electronic Components Datasheet Search
  English  ▼

X  

BAC033 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC033
Description  CONN 75 OHM BNC M RG59 SOLDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC033 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC033 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPROXIMATE ASSEMBLED LENGTH
1.05 [26.67]
EACH CABLE ASSEMBLY SHALL BE SUBJECTED TO AND PASS A CONTINUITY TEST.
PACKAGING:
INDIVIDUALLY PACKAGE EACH ASSEMBLY UTILIZING APPROPRIATE SIZED BAG
APPLICATION:
RG59 COAXIAL CABLE
CENTER PIN ATTACHMENT: SOLDER
NOTES:
MATERIAL:
BODY: BRASS
FERRULE: BRASS OR COPPER ALLOY
PIN: BRASS
INSULATOR: ACETAL
FINISH:
BODY: NICKEL PLATE
FERRULE: NICKEL PLATE
PIN: GOLD PLATE
ELECTRICAL:
IMPEDANCE: 75 OHM
HOUSING
CENTER PIN
FASTENING NUT
.353 9
.255 6.5
DIELECTRIC
CENTER CONDUCTOR
CABLE STRIPPING
DIMENSIONS
RoHS Compliant 
D
C
B
A
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SIZE
DWG. NO.
B
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
DATE
CHANGED BY
REV.
E
C.MCCORMICK
D.PARHAM
R.CARRICK
11/02/2001
11/02/2001
11/02/2001
E
ECN 3139: UPDATE DWG FORMAT
1/7/08
D.GRIFFIN
CONN 75 OHM BNC M RG59 SOLDER
CATEGORY
PRODUCT DESCRIPTION
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
BAC033
FSCM NO.
43321
SHEET 1 OF 1
CAD FILE: BAC033.SLDDRW
SCALE: 1:1
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES [mm]
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BAC033

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC030 L-COM-BAC030 Datasheet
76Kb / 1P
BNC CONNECTOR, 75 OHM
11/05/2001
BAC031 L-COM-BAC031 Datasheet
93Kb / 1P
CONN 75OHM BNCM RG59 CRMP TFE
11/05/01
BAC032 L-COM-BAC032 Datasheet
97Kb / 1P
75 OHM BNC CONNECTOR
04/30/2001
More results

Similar Description - BAC033

ManufacturerPart #DatasheetDescription
logo
ITT Industries
167000-1413 ITT-167000-1413 Datasheet
44Kb / 1P
OUTER FERRULE, FOR 75-OHM BNC CRIMP CONN
logo
Pasternack Enterprises,...
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE4601 PASTERNACK-PE4601 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG59
PE4637 PASTERNACK-PE4637 Datasheet
288Kb / 3P
75 Ohm BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG59, .480 inch D Hole
PE4613 PASTERNACK-PE4613 Datasheet
222Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG59
PE4614 PASTERNACK-PE4614 Datasheet
205Kb / 2P
75 Ohm BNC Female Connector Crimp/ Solder Attachment For RG59
PE4607 PASTERNACK-PE4607 Datasheet
236Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG59
PE4608 PASTERNACK-PE4608 Datasheet
1Mb / 3P
75 Ohm BNC Male Right Angle Connector Crimp - Solder Attachment For RG59
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
logo
Samtec, Inc
HDBNC-P-C-XX-ST-CA8X SAMTEC-HDBNC-P-C-XX-ST-CA8X Datasheet
2Mb / 2P
75 OHM, HIGH DENSITY BNC STRAIGHT PLUG, RG59
02/16/2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com