Electronic Components Datasheet Search
  English  ▼

X  

BAC538 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC538
Description  TYPE F CRIMP MALE FOR RG179, RG187A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC538 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC538 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.11
2.80
.32
8.20
.24
6.00
RECOMMENDED
CABLE STRIPPING
.071
1.80
.110
2.80
.374
9.50
.73
18.60
.28
7.00
.42
10.70
.433 [11.0] HEX
3/8-32 UNEF-2B
(INSIDE)
.022
0.55
.059
1.50
.42
10.70
.039
1.00
.126
3.20
.157
4.00
.35
9.00
NOTES:
MATERIAL:
BODY, FERRULE: BRASS
CENTER PIN: BRASS
INSULATOR: PTFE
FINISH:
BODY, FERRULE: NICKEL PLATED
CENTER PIN: GOLD FLASH
MISCELLANEOUS:
IMPEDANCE: 75 OHM
APPLICATION: RG179/U, RG187A/U
RECOMMENDED HEX CRIMP TOOL SIZE: .128 IN [3.25mm]
COUPLING TORQUE: 2.5N.m MIN.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN A POLY BAG.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
B
B
B
B
BODY
PIN
FERRULE
B
B
B
B
B
B
B
B
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BAC538
B
BAC538.SLDDRW
1
1
D.CASTRO
3/25/09
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.DOLCE
3/25/09
3/30/09
A
B
INITIAL RELEASE
ECN 9773: UPDATE DIM'S, ADD MATERIAL AND TORQUE
4/2/19
D.GRIFFIN
SLI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
TYPE F CRIMP MALE FOR RG179, RG187A
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
3/25/09
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - BAC538

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC530 L-COM-BAC530 Datasheet
129Kb / 1P
CONN SEALED F M RG59 CRIMP
09/17/09
More results

Similar Description - BAC538

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44168 PASTERNACK-PE44168 Datasheet
120Kb / 1P
75 OHM TNC MALE CRIMP ATTACHMENT FOR RG179 &RG187
PE4604 PASTERNACK-PE4604 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179, RG187
PE36155 PASTERNACK-PE36155 Datasheet
105Kb / 1P
CABLE ASSEMBLY RG187A/U F MALE TO 75 OHM BNC MALE
PE36155LF PASTERNACK-PE36155LF Datasheet
204Kb / 1P
CABLE ASSEMBLY RG187A/U F MALE TO 75 OHM BNC MALE(LEAD FREE)
PE44326 PASTERNACK-PE44326 Datasheet
256Kb / 2P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG179, RG187
PE44319 PASTERNACK-PE44319 Datasheet
251Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG179, RG187
PE4656 PASTERNACK-PE4656 Datasheet
228Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG179, RG187
PE44629 PASTERNACK-PE44629 Datasheet
228Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179-DS, 179DT
PE36139 PASTERNACK-PE36139 Datasheet
261Kb / 1P
CABLE ASSEMBLY, RG187A/U, F MALE TO F MALE
PE36139LF PASTERNACK-PE36139LF Datasheet
271Kb / 1P
CABLE ASSEMBLY, RG187A/U, F MALE TO F MALE (LEAD FREE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com