Electronic Components Datasheet Search
  English  ▼

X  

R5F572MDDDFB Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R5F572MDDDFB
Description  Renesas MCUs
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F572MDDDFB Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F572MDDDFB Datasheet HTML 78Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 79Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 80Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 81Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 82Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 83Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 84Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 85Page - Renesas Technology Corp R5F572MDDDFB Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 180 page
background image
R01DS0332EJ0120 Rev.1.20
Page 82 of 180
Nov 15, 2023
RX72M Group
2. Electrical Characteristics
2.2
Recommended Operating Conditions
Note 1. Comply with the following potential condition: VCC = AVCC0 = AVCC1 = VCC_USB
Note 2. The low CL crystal unit cannot be used when the VBATT voltage is less than 2.0 V.
Note 3. For details, refer to section 58.6.11, Voltage Range of Analog Power Supply Pins in the User’s Manual: Hardware.
Note 4. P07, P11 to P17, P20, P21, P30 to P33, P67, and PC0 to PC3 are 5 V tolerant.
Note 5. For P30 to P32, input as follows when the VBATT power supply is selected.
Vin Min. = –0.3, Max. = VBATT + 0.3 (VBATT = 1.62 to 3.6 V)
Note 1. Use a multilayer ceramic capacitor with a nominal capacitance of 0.22 µF, for which the sum of the capacitance tolerance and
change in the capacitance under the usage conditions will be no greater than ±30%.
Table 2.2
Recommended Operating Conditions (1)
Item
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage*1
VCC
2.7
—
3.6
V
VSS
—
0
—
VBATT power supply voltage
VBATT
1.62*2
—3.6
V
USB power supply voltage
VCC_USB
—
VCC
—
V
VSS_USB
—
0
—
Analog power supply voltage*1, *3
AVCC0
—
VCC
—
V
AVSS0
—
0
—
AVCC1
—
VCC
—
AVSS1
—
0
—
VREFH0
2.7
—
AVCC0
VREFL0
—
0
—
Input voltage (except for 5 V tolerant ports,
except for P03, P05 and P40 to P47)*4
Vin
–0.3
—
VCC + 0.3
V
Input voltage (P03, P05 and P40 to P47)
Vin
–0.3
—
AVCC0 + 0.3
V
Input voltage (5V tolerant ports: P11 to P17, P20, P21,
P30 to P33, P67, and PC0 to PC3)*5
Vin
–0.3
—
VCC + 3.6 (up to 5.5)
V
Input voltage (5V tolerant port: P07)
Vin
–0.3
—
AVCC0 + 3.6 (up to 5.5)
V
Operating temperature (D version)
Topr
–40
—
85
°C
Operating temperature (G version)
Topr
–40
—
105
°C
Table 2.3
Recommended Operating Conditions (2)
Item
Symbol
Value
Decoupling capacitance for stabilizing the internal voltage
CVCL
0.22 µF ± 30%*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com