Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21990BST Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-21990BST
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BST Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-21990BST Datasheet HTML 17Page - Analog Devices ADSP-21990BST Datasheet HTML 18Page - Analog Devices ADSP-21990BST Datasheet HTML 19Page - Analog Devices ADSP-21990BST Datasheet HTML 20Page - Analog Devices ADSP-21990BST Datasheet HTML 21Page - Analog Devices ADSP-21990BST Datasheet HTML 22Page - Analog Devices ADSP-21990BST Datasheet HTML 23Page - Analog Devices ADSP-21990BST Datasheet HTML 24Page - Analog Devices ADSP-21990BST Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
ADSP-21990
Rev. A
|
Page 21 of 50
|
August 2007
ELECTRICAL CHARACTERISTICS—ADSP-21990BST
Parameter
Conditions
Test Conditions
Min
Typ
Max
Unit
VIH
High Level Input Voltage
1
@ VDDEXT = Maximum
2.0
VDDEXT
V
VIH
High Level Input Voltage
2
@ VDDEXT = Maximum
2.2
VDDEXT
V
VIL
High Level Input Voltage
1, 2
@ VDDEXT = Minimum
0.8
V
VOH
High Level Output Voltage3
@ VDDEXT = Minimum,
IOH = –0.5 mA
2.4
V
VOL
Low Level Output Voltage
3
@ VDDEXT = Minimum,
IOL = 2.0 mA
0.4
V
IIH
High Level Input Current
4
@ VDDINT = Maximum,
VIN = 3.6 V
10
μA
IIH
High Level Input Current
5
@ VDDINT = Maximum,
VIN = 3.6 V
150
μA
IIH
High Level Input Current6
@ VDDINT = Maximum,
VIN = 3.6 V
10
μA
IIL
Low Level Input Current
@ VDDINT = Maximum,
VIN = 0 V
10
μA
IIL
Low Level Input Current
@ VDDINT = Maximum,
VIN = 0 V
10
μA
IIL
Low Level Input Current
@ VDDINT = Maximum,
VIN = 0 V
150
μA
IOZH
Three-State Leakage Current
7
@ VDDINT = Maximum,
VIN = 3.6 V
10
μA
IOZL
Three-State Leakage Current
7
@ VDDINT = Maximum,
VIN = 0 V
10
μA
CI
Input Pin Capacitance
fIN = 1 MHz
10
pF
CO
Output Pin Capacitance
fIN = 1 MHz
10
pF
IDD-PEAK
Supply Current (Internal)
8, 9
325
375
mA
IDD-TYP
Supply Current (Internal)
8
275
320
mA
IDD-IDLE
Supply Current (Idle)
8
250
300
mA
IDD-STOPCLK
Supply Current (Power-Down)8, 10
140
175
mA
IDD-STOPALL
Supply Current (Power-Down)8, 11
25
55
mA
IDD-PDOWN
Supply Current (Power-Down)8, 12
15
45
mA
IAVDD
Analog Supply Current
13
55
65
mA
IAVDD-ADCOFF
Analog Supply Current
12
20
35
mA
1 Applies to all input and bidirectional pins.
2 Applies to input pins CLKIN, RESET, TRST.
3 Applies to all output and bidirectional pins.
4 Applies to all input only pins.
5 Applies to input pins with internal pull-down.
6 Applies to input pins with internal pull-up.
7 Applies to three-stateable pins.
8 The I
DD supply currents are affected by the operating frequency of the device. The guaranteed numbers are based on an assumed CCLK = 160 MHz, HCLK = 80 MHz
for the ADSP-21990BST. IDD refers only to the current consumption on the internal power supply lines (VDDINT). The current consumption at the I/O on the VDDEXT
power supply is very much dependent on the particular connection of the device in the final system.
9 IDD-PEAK represents worst-case processor operation and is not sustainable under normal application conditions. Actual internal power measurements made using typical
applications are less than specified. Measured at VDDINT = maximum.
10IDLE denotes the current consumption during execution of the IDLE instruction. Measured at VDDINT = maximum.
11IDD-PDOWN represents the processor operation in full power-down mode with both core and peripheral clocks disabled. Measured at VDDINT = maximum
12IAVDD represents the power consumption of the analog system. Measured at AVDD = maximum.
13The responsibility lies with the user to ensure that the device is operated in such a manner that the maximum allowable junction temperature is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com