Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21990BSTZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-21990BSTZ
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BSTZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-21990BSTZ Datasheet HTML 3Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 4Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 5Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 6Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 7Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 8Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 9Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 10Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
ADSP-21990
Rev. A
|
Page 7 of 50
|
August 2007
devices connected to the external memory interface. DMA
capable peripherals include the SPORT and SPI ports, and ADC
control module. Each individual DMA capable peripheral has a
dedicated DMA channel. To describe each DMA sequence, the
DMA controller uses a set of parameters—called a DMA
descriptor. When successive DMA sequences are needed, these
DMA descriptors can be linked or chained together, so the com-
pletion of one DMA sequence autoinitiates and starts the next
sequence. DMA sequences do not contend for bus access with
the DSP core, instead DMAs “steal” cycles to access memory.
All DMA transfers use the DMA bus shown in Figure 2 on
Page 4. Because all of the peripherals use the same bus, arbitra-
tion for DMA bus access is needed. The arbitration for DMA
bus access appears in Table 1.
DSP PERIPHERALS ARCHITECTURE
The ADSP-21990 contains a number of special purpose, embed-
ded control peripherals, which can be seen in the functional
block diagram on Page 1. The ADSP-21990 contains a high per-
formance, 8-channel, 14-bit ADC system with dual-channel
simultaneous sampling ability across four pairs of inputs. An
internal precision voltage reference is also available as part of
the ADC system. In addition, a 3-phase, 16-bit, center-based
PWM generation unit can be used to produce high accuracy
PWM signals with minimal processor overhead.
The ADSP-21990 also contains a flexible incremental encoder
interface unit for position sensor feedback; two adjustable fre-
quency auxiliary PWM outputs, 16 lines of digital I/O; a
16-bit watchdog timer; three general-purpose timers, and an
interrupt controller that manages all peripheral interrupts.
Finally, the ADSP-21990 contains an integrated power-on-reset
(POR) circuit that can be used to generate the required reset sig-
nal for the device on power-on.
The ADSP-21990 has an external memory interface that is
shared by the DSP core, the DMA controller, and DMA capable
peripherals, which include the ADC, SPORT, and SPI commu-
nication ports. The external port consists of a 16-bit data bus, a
20-bit address bus, and control signals. The data bus is config-
urable to provide an 8- or 16-bit interface to external memory.
Support for word packing lets the DSP access 16- or 24-bit
words from external memory regardless of the external data
bus width.
The memory DMA controller lets the ADSP-21990 move data
and instructions from between memory spaces: internal-to-
external, internal-to-internal, and external-to-external. On-chip
peripherals can also use this controller for DMA transfers.
The embedded ADSP-21xx core can respond to up to 17 inter-
rupts at any given time: three internal (stack, emulator kernel,
and power down), two external (emulator and reset), and 12
user-defined (peripherals) interrupts. Programmers assign each
of the 32 peripheral interrupt requests to one of the 12 user
defined interrupts. These assignments determine the priority of
each peripheral for interrupt service.
The following sections provide a functional overview of the
ADSP-21990 peripherals.
SERIAL PERIPHERAL INTERFACE (SPI) PORT
The serial peripheral interface (SPI) port provides functionality
for a generic configurable serial port interface based on the SPI
standard, which enables the DSP to communicate with multiple
SPI-compatible devices. Key features of the SPI port are:
• Interface to host microcontroller or serial EEPROM.
• Master or slave operation (3-wire interface MISO, MOSI,
SCK).
•Data rates to HCLK 4 (16-bit baud rate selector).
• 8- or 16-bit transfer.
• Programmable clock phase and polarity.
• Broadcast Mode-1 master, multiple slaves.
• DMA capability and dedicated interrupts.
• PF0 can be used as slave select input line.
• PF1–PF7 can be used as external slave select output.
SPI is a 3-wire interface consisting of two data pins (MOSI and
MISO), one clock pin (SCK), and a single slave select input
(SPISS) that is multiplexed with the PF0 flag I/O line and seven
slave select outputs (SPISEL1 to SPISEL7) that are multiplexed
with the PF1 to PF7 flag I/O lines. The SPISS input is used to
select the ADSP-21990 as a slave to an external master. The
SPISEL1 to SPISEL7 outputs can be used by the ADSP-21990
(acting as a master) to select/enable up to seven external slaves
in a multidevice SPI configuration. In a multimaster or a multi-
device configuration, all MOSI pins are tied together, all MISO
pins are tied together, and all SCK pins are tied together.
During transfers, the SPI port simultaneously transmits and
receives by serially shifting data in and out on the serial data
line. The serial clock line synchronizes the shifting and sam-
pling of data on the serial data line.
In master mode, the DSP core performs the following sequence
to set up and initiate SPI transfers:
• Enables and configures the SPI port operation (data size
and transfer format).
• Selects the target SPI slave with the SPISELx output pin
(reconfigured programmable flag pin).
• Defines one or more DMA descriptors in Page 0 of I/O
memory space (optional in DMA mode only).
• Enables the SPI DMA engine and specifies transfer direc-
tion (optional in DMA mode only).
• In nonDMA mode only, reads or writes the SPI port
receive or transmit data buffer.
Table 1. I/O Bus Arbitration Priority
DMA Bus Master
Arbitration Priority
SPORT Receive DMA
0—Highest
SPORT Transmit DMA
1
ADC Control DMA
2
SPI Receive/Transmit DMA
3
Memory DMA
4—Lowest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com