Electronic Components Datasheet Search
  English  ▼

X  

GL41A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # GL41A
Description  Surface Mount Glass Passivated Junction Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL41A Datasheet(HTML) 4 Page - Vishay Siliconix

  GL41A Datasheet HTML 1Page - Vishay Siliconix GL41A Datasheet HTML 2Page - Vishay Siliconix GL41A Datasheet HTML 3Page - Vishay Siliconix GL41A Datasheet HTML 4Page - Vishay Siliconix GL41A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BYM10-50 thru BYM10-1000, GL41A thru GL41Y
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88546
Revision: 07-Apr-08
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Junction Capacitance
1
10
100
10
1
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Figure 6. Typical Transient Thermal Impedance
0.01
0.1
10
1
100
0.1
10
100
1
Mounted on 0.20 x 0.27" (5 x 7 mm)
Copper Pad Areas
(
t - Pulse Duration (s)
DO-213AB
1st band denotes type and positive end (cathode)
1st Band
Solderable Ends
D2 = D1
+ 0
- 0.008 (0.20)
D2
0.105 (2.67)
0.095 (2.41)
D1 =
0.022 (0.56)
0.018 (0.46)
0.022 (0.56)
0.018 (0.46)
0.205 (5.2)
0.185 (4.7)
Mounting Pad Layout
0.138 (3.5) MAX.
0.049 (1.25) MIN.
0.238 (6.0) REF.
0.118 (3.0) MIN.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com