Electronic Components Datasheet Search
  English  ▼

X  

LS2100P Datasheet(PDF) 1 Page - YORKVILLE

Part # LS2100P
Description  Powered Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS2100P Datasheet(HTML) 1 Page - YORKVILLE

  LS2100P Datasheet HTML 1Page - YORKVILLE LS2100P Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
élite
Powered Series
Overview
Built for even the most demanding club or concert setting, the élite
LS2100P delivers solid deep bass and solid punch in this fully powered
version of the popular LS2104. The integrated amplifier delivers 3600
watts (Peak) into a 21-inch long excursion neodymium woofer with
6-inch voicecoil. XLR and 1/4-inch TRS input capable of handling line or
speaker level ensures the LS2100P can be easily integrated into virtually
any medium to large scale PA needing additional bottom end support
with a minimum of effort.
Features
• Integrated 3600 Watt Amplifier (Peak - 2400 Watts Program)
• 21-inch Woofer with 6-inch Voicecoil
• Max SPL 144dB Peak (135dB Continuous)
• High Performance Mid-Sized Subwoofer Design
• 33Hz - 150Hz with Adjustable HF Roll-Off
• 45Hz - 90Hz Variable Boost Frequency
• Paralleled XLR and 1/4-inch Selectable Line or Speaker Level Inputs
• Excursion, Peak and Thermal Woofer Protection
• Integrated All Metal Speaker Pole Mount Adaptor
• Solid 5/8-inch (15mm) Birch Plywood Construction
• All-Metal Grille & Integrated Bar Handles
• Made in Canada
yorkville.com
LS2100P Rear Panel
LS2100P


Similar Part No. - LS2100P

ManufacturerPart #DatasheetDescription
logo
RFE international
LS2101M2G220300 RFE-LS2101M2G220300 Datasheet
190Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS LS2 Series: Snap-In, Fail Safe, 85C
More results

Similar Description - LS2100P

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6206 AMS-AMS6206 Datasheet
376Kb / 6P
Battery powered equipment
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
Battery powered equipment
logo
Molex Electronics Ltd.
0638160700 MOLEX11-0638160700 Datasheet
926Kb / 17P
AIR POWERED TOOL AIR POWERED TOOL
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
Self-Powered Tachometer
logo
International Rectifier
IRF135S203 IRF-IRF135S203 Datasheet
585Kb / 12P
Battery powered circuits
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
Battery Powered Systems
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
Self-powered operation
logo
Cynergy3 Co
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
Loop Powered Isolator
logo
Maxim Integrated Produc...
CMAXQUSB MAXIM-CMAXQUSB Datasheet
268Kb / 16P
USB Powered
Rev 2; 12/10
MAX1452EVKIT MAXIM-MAX1452EVKIT Datasheet
2Mb / 21P
USB Powered
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com