Electronic Components Datasheet Search
  English  ▼

X  

1668124 Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # 1668124
Description  LED Work Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

1668124 Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  1668124 Datasheet HTML 1Page - PATLITE CORPORATION. 1668124 Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[General Specifications]
CLK6C-24AG-W18
I
Product Name
LED Work Light
Page
SPECIFICATIONS
Drawing No.
Rev.
Model
CLK6C-24AG-CD
Rated Voltage
24V DC (Polarized)
24V DC ±10%
2100 lx
580 lx
Luminous Color
2600 lm
1.0m
-40℃ to +60℃
Less than 90% (No condensation)
Operating Ambient Temperature
Operating Ambient Humidity
・
This product's illuminance may be affected when used in airtight conditions.
Vibration Resistance
19.6 m/s² (JIS C 0911-1984)
Outer Dimensions
500V AC applied for 1min between live part and non-current carrying metallic part
without breaking insulation
Conformity Standards
2.0m
Illuminance (typ.)
(Center , at 24V DC)
Operating Voltage Range
Mounting Direction
Main Unit Material
Insulation Resistance
Rated Current Consumption
1044 mA ±10%
・
Specifications may change without notice due to continual product improvement.
Mounting Location
Indoor
CLK6C-24AG-CD
More than 5MΩ at 500VDC between live part and non-current carrying metallic part
Withstand Voltage
With the Recommended Cable connected (Except Cable Terminal)
Daylight (CD)
Refer to the Outer Dimension Drawing
EMC Directive (EN IEC 55015, EN 61000-6-2)
Rated Power Consumption
25 W
Protection Rating
IP66G/67G (JIS C0920) / 69K (DIN 40050 part9)
Body : Aluminum Alloy , Lens : Tempered Glass
・
Conforms to the CE requirements
・
UL Recognized Component (File No.E306141)
RoHS Directive (EN IEC 63000)
・
Due to the inherent properties of the LED, color variations and hue may occur.
1070g , Standard Bracket: 76g (Qty: 2 pc.)
Color Temperature (typ.)
Total Luminous Flux (typ.)
6500 K
Remarks
Mass (Tolerance ±10%)
Environmental Condition
・
Model Number Configuration
All Directions
UL 2108, CSA-C22.2 No. 250.0
●
Luminous Color
CD : Daylight
●
Main Unit Material
AG : Body - Aluminum Alloy
Lens - Tempered Glass
●
Connector Specifications
C : M12 Connector
1 / 2


Similar Part No. - 1668124

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1668124 PHOENIX-1668124 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M12FS
09/11/2020
More results

Similar Description - 1668124

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130243-0029 MOLEX11-130243-0029 Datasheet
54Kb / 2P
Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/2 SOOW 0.91m
130243-0030 MOLEX11-130243-0030 Datasheet
53Kb / 1P
Haztex Wide Area LED Work Light, 4 x 20W, with 90o Brad Power Plug
130243-0031 MOLEX11-130243-0031 Datasheet
54Kb / 2P
Haztex Wide Area LED Work Light, 4 x 20W, 12/3 SOOW 0.91m
1302430021 MOLEX11-1302430021 Datasheet
46Kb / 1P
Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/3 SOOW 7.62m
logo
Banner Engineering Corp...
WL50-2 BANNER-WL50-2 Datasheet
411Kb / 4P
WL50-2 LED Work Light - PWM Dimmable
WL50-2 BANNER-WL50-2_V01 Datasheet
348Kb / 5P
WL50-2 LED Work Light
WL50S BANNER-WL50S_V02 Datasheet
287Kb / 5P
WL50S High-Intensity Work Spot Light
WL50S BANNER-WL50S_V03 Datasheet
409Kb / 4P
WL50S Stainless Steel High-Intensity Work Spot Light
WLA BANNER-WLA Datasheet
383Kb / 4P
WLA Series Encapsulated Work Light
WLA BANNER-WLA_V01 Datasheet
592Kb / 4P
WLA Series Work Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com