Electronic Components Datasheet Search
  English  ▼

X  

XRAG2 Datasheet(PDF) 14 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button XRAG2_08 Datasheet HTML 10Page - STMicroelectronics XRAG2_08 Datasheet HTML 11Page - STMicroelectronics XRAG2_08 Datasheet HTML 12Page - STMicroelectronics XRAG2_08 Datasheet HTML 13Page - STMicroelectronics XRAG2_08 Datasheet HTML 14Page - STMicroelectronics XRAG2_08 Datasheet HTML 15Page - STMicroelectronics XRAG2_08 Datasheet HTML 16Page - STMicroelectronics XRAG2_08 Datasheet HTML 17Page - STMicroelectronics XRAG2_08 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Reader-to-tag protocol
XRAG2
14/33
5
Reader-to-tag protocol
5.1
Reader-to-tag Power-Up and Power-Down
The reader power-up and power-down waveform, and timing requirements are specified in
the EPCglobal Class 1 generation 2 RFID UHF specification, revision 1.0.9.
5.2
Reader-to-tag RF modulation
A reader can communicate with the tag by modulating the RF carrier using DSB-ASK, SSB-
ASK or PR-ASK, as specified in EPCglobal Class 1 generation 2 RFID UHF specification,
revision 1.0.9.
Figure 6.
Reader-to-tag RF envelop
Table 5.
RF envelop parameters(1)
1.
Characterized only.
Parameter
Symbol
Min
Typical
Max
Units
Modulation depth
(A-B)/A
80
90
100
%
RF envelop ripple
Mh=MI
0
0.05(A-B)
V/m
RF envelop rise and fall time
tr,10-90% and tf, 90-10%
0
0.33 Tari
µs
$6. 0RGXODWLRQ
35$6.0RGXODWLRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33