Electronic Components Datasheet Search
  English  ▼

X  

CSMD8MF-25 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CSMD8MF-25
Description  Isolated 1W Single Output DC-DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSMD8MF-25 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSMD8MF-25 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSMD8MF-25 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSMD8MF-25 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSMD8MF-25 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSMD8MF-25 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSMD8MF-25 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSMD8MF-25 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSMD8MF-25 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSMD8MF-25 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NME Series
Isolated 1W Single Output DC-DC Converters
KDC_NME.I02 Page 2 of 11
www.murata-ps.com/support
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input types
110
kHz
12V input types
145
15V input types
100
24V input types
100
Short circuit types
91
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
10
GΩ
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types1
-40
85
°C
Storage
-50
130
Case Temperature above ambient
Non-short circuit types
5V output types
41
All other output types2
32
Short circuit types (DIP)
23
Short circuit types (SIP)
24
Cooling
Free air convection
TEMPERATURE DERATING GRAPH
150
100
50
0
-40
0
0.5
1.0
1.5
Safe Operating Area
85°C
Ambient Temperature (°C)
120°C
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
260°C
Input voltage VIN, NME05 types
7V
Input voltage VIN, NME12 types
15V
Input voltage VIN, NME15 types
18V
Input voltage VIN, NME24 types
28V
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
See derating curves
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN ; All short circuit types
1.15
1.2
%/%
High VIN to low VIN ; All other output types
1.0
1.2
150
100
50
0
-40
0
0.5
1.0
1.5
Safe Operating Area
85°C
Ambient Temperature (°C)
Non-short circuit types1:
Short circuit types:
1. NME1515SC, NME24XXXC prior to date code X1635 have operating temperature range of 0 to 70°C .
2. Excludes 24V input types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com