Electronic Components Datasheet Search
  English  ▼

X  

APSI4 Datasheet(PDF) 1 Page - Speco Technologies.

Part # APSI4
Description  Proximity Card
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

APSI4 Datasheet(HTML) 1 Page - Speco Technologies.

  APSI4 Datasheet HTML 1Page - Speco Technologies. APSI4 Datasheet HTML 2Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Proximity Card
APSI4
Color: White
Features
• Up to 7in contactless read range
• Contactless Digital Radio Frequency Identification (RFID) technology
• Frequency 125kHz
• Pack quantity: 25 cards
• 1 Year Warranty
®
Access Control
APSI4
YEAR
ARRANT
Technical Specifications
Technology
Proximity
Frequency
125 kHz
Operation
Passive (no battery)
Type
Dye sublimation
Format
Wiegand (26-bit)
Material
PVC
Color
Glossy White
Slot Punch
Vertical & horizontal indicators
Marking
Date code & ID
Read Range
Up to 7in (176mm)
Dimensions
2.1” W x 3.4” H x 0.046” D (53mm x 86mm x 1.17mm)
Weight
0.3oz (9g)
Operating Temperature
-35°F to 122°F (-37°C to 50°C)
Humidity
0-95% non-condensing
Technology
APSI4: Certain HID® 125kHz Proximity protocols supported
Supporting Readers
AP300HA, AP500HA, AP620HA, AP640HA
NDAA
COMPLIANT
Products are in compliance with NDAA Section 889 Part B Guidelines. ONVIF® is a trademark of Onvif, Inc. Chrome® and Firefox® use Java™, which requires an initial internet connection.
Apple® and the Apple logo® are trademarks of Apple Inc., registered in the U.S. and other countries. App Store® is a service mark of Apple Inc. Android™ is a trademark of Google LLC.
Google Play® and the Google Play logo® are trademarks of Google LLC. Amazon® is a trademark of Amazon.com, Inc. or its affiliates, used under license. Speco Technologies® is constantly
developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation.
Revised 1/22/25


Similar Part No. - APSI4

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
APSI4 SPECO-APSI4 Datasheet
457Kb / 1P
Mullion Proximity Reader
10/14/25
APSI4 SPECO-APSI4 Datasheet
408Kb / 1P
Proximity Reader
10/14/25
APSI4 SPECO-APSI4 Datasheet
372Kb / 1P
Mullion Proximity Reader & Keypad
10/14/25
APSI4 SPECO-APSI4 Datasheet
426Kb / 1P
Proximity Reader & Keypad
10/14/25
APSI4 SPECO-APSI4 Datasheet
483Kb / 1P
Contactless Proximity Reader
1/10/22
More results

Similar Description - APSI4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA305 SIEMENS-TCA305 Datasheet
112Kb / 7P
Proximity Switch
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
Proximity Sensing
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com