Electronic Components Datasheet Search
  English  ▼

X  

1909000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1909000000
Description  ZPS 2.5/1AN/QV/10
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1909000000 Datasheet(HTML) 1 Page - Weidmuller

  1909000000 Datasheet HTML 1Page - Weidmuller 1909000000 Datasheet HTML 2Page - Weidmuller 1909000000 Datasheet HTML 3Page - Weidmuller 1909000000 Datasheet HTML 4Page - Weidmuller 1909000000 Datasheet HTML 5Page - Weidmuller 1909000000 Datasheet HTML 6Page - Weidmuller 1909000000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data sheet
ZPS 2.5/1AN/QV/10
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
The plugs for our WeiCoS-System are available for all dif-
ferent connection systems. The product range includes
preassembled connectors from 1 to 10 poles and the pos-
sibility of an individual assembly. This ensures maximum
flexibility for every application. The customized acces-
sories increase the safety and protection against environ-
mental influences.
General ordering data
 
Version
Z-series, Coupling, Rated cross-section: 2.5 mm²,
Plug-in connection, beige
Order No.
1865980000
Type
ZPS 2.5/1AN/QV/10
GTIN (EAN)
4032248499311
Qty.
10 items
 
 
Creation date 25.02.2026 06:18:38 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1909000000

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
190900 FESTO-190900 Datasheet
95Kb / 1P
Differential pressure regulator
4/19/22
More results

Similar Description - 1909000000

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5532R ANADIGICS-AWS5532R Datasheet
321Kb / 12P
0.5 to 2.5 GHz 10 W SPDT Switch
Rev 1.3
logo
Cadeka Microcircuits LL...
SPT7830 CADEKA-SPT7830 Datasheet
166Kb / 8P
10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Pasternack Enterprises,...
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
logo
TriQuint Semiconductor
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
0.03 ??2.5 GHz 10 W GaN Power Amplifier
logo
PHOENIX CONTACT
1899061 PHOENIX-1899061 Datasheet
118Kb / 7P
Base strip - DFK-MSTBA 2.5/10-GF-5.08
1894888 PHOENIX-1894888 Datasheet
90Kb / 5P
Base strip - MCD 0.5/10-G1-2.5
logo
Bourns Electronic Solut...
SM453230-121N7Y BOURNS-SM453230-121N7Y Datasheet
483Kb / 4P
1 / 2.5 / 5 / 10 GbE Chip LAN Transformer
logo
PHOENIX CONTACT
1845565 PHOENIX-1845565 Datasheet
84Kb / 4P
Base strip - MDSTBV 2.5/10-G-5.08
logo
Qorvo, Inc
QPA2237 QORVO-QPA2237 Datasheet
791Kb / 17P
0.03 ??2.5 GHz 10 W GaN Power Amplifier
logo
Teledyne Technologies I...
TDLM025100 TELEDYNE-TDLM025100 Datasheet
2Mb / 13P
RF Power Limiter, 10 MHz–2.5 GHz
11/2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com