Electronic Components Datasheet Search
  English  ▼

X  

SMP2018 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SMP2018
Description  SMA Variable Phase Shifter with an Adjustable Phase of 15 Deg. Per GHz and from DC to 18 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SMP2018 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SMP2018 Datasheet HTML 1Page - Infinite Electronics International, Inc. SMP2018 Datasheet HTML 2Page - Infinite Electronics International, Inc. SMP2018 Datasheet HTML 3Page - Infinite Electronics International, Inc. SMP2018 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 4.3 Page 1 of 4
Copyright © 2020
.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Phase Adjustment
15
Deg/GHz
Input VSWR
1.4:1
Input Power, CW
80
Watts
Performance by Frequency
.
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC-6
6-12
12-18
GHz
VSWR, Max
1.15:1
1.25:1
1.4:1
Mechanical Specifications
Size
Length
2.6 in [66.04 mm]
Width/Diameter
0.5 in [12.7 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.0902 lbs [40.91 g]
.
Body Material and Plating
Passivated Stainless Steel
Configuration
Input Connector
SMA Male
Output Connector
SMA Female
Environmental Specifications
Temperature
Operating Range
-55 to 125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SMP2018
DATA SHEET
SMA Variable Phase Shifter with an Adjustable Phase
of 15 Deg. Per GHz and from DC to 18 GHz
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com


Similar Part No. - SMP2018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMP20 VISHAY-SMP20 Datasheet
84Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
26-Jul-06
SMP20 VISHAY-SMP20 Datasheet
95Kb / 4P
Surface Mount TRANSZORB® Transient Voltage Suppressors
20-Oct-08
SMP20 VISHAY-SMP20 Datasheet
93Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
19-Apr-11
logo
Seme LAB
SMP2000G-MV SEME-LAB-SMP2000G-MV Datasheet
47Kb / 2P
P.I.N. PHOTODIODE
logo
Infinite Electronics In...
SMP2046 FAIRVIEW-SMP2046 Datasheet
180Kb / 1P
REV SMA/M - SMA/F PHASE TRIMMER 18 GHZ FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM .31" HEX (8.0) SHEET
REV A
More results

Similar Description - SMP2018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8040 PASTERNACK-PE8040 Datasheet
114Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8244 PASTERNACK-PE8244 Datasheet
212Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 4 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8245 PASTERNACK-PE8245 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8246 PASTERNACK-PE8246 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 12 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8247 PASTERNACK-PE8247 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE82P2000 PASTERNACK-PE82P2000 Datasheet
570Kb / 8P
Analog Phase Shifter, 5 GHz to 18 GHz, With an Adjustable Phase of 40 Deg. Per GHz and SMA
PE8203 PASTERNACK-PE8203 Datasheet
356Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 9.50 Deg. Per GHz
PE8243 PASTERNACK-PE8243 Datasheet
215Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8253 PASTERNACK-PE8253 Datasheet
211Kb / 3P
50 Ohm SMA To SMA Phase Shifter Operating From 18 GHz to 26.5 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE8255 PASTERNACK-PE8255 Datasheet
365Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Shifter Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com