Electronic Components Datasheet Search
  English  ▼

X  

MJE5852 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJE5852
Description  HIGH VOLTAGE PNP POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE5852 Datasheet(HTML) 1 Page - STMicroelectronics

  MJE5852 Datasheet HTML 1Page - STMicroelectronics MJE5852 Datasheet HTML 2Page - STMicroelectronics MJE5852 Datasheet HTML 3Page - STMicroelectronics MJE5852 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MJE5852
HIGH VOLTAGE PNP POWER TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
PNP TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
APPLICATIONS:
s
SWITCHING REGULATORS
s
MOTOR CONTROL
s
INVERTERS
DESCRIPTION
The MJE5852 is manufactured using high voltage
PNP multiepitaxial technology for high switching
speed and high voltage capability.
It is intended for use in high frequency and
efficiency converters, switching regulators and
motor control.
INTERNAL SCHEMATIC DIAGRAM
July 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
450
V
VCEO
Collector-Emitter Voltage (IB = 0)
400
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
8
A
ICM
Collector Peak Current (tp < 5ms)
16
A
IB
Base Current
4
A
IBM
Base Peak Current (tp < 5ms)
8
A
Ptot
Total Dissipation at Tc
≤ 25 oC80
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
For PNP type voltage and current values are negative.
1
2
3
TO-220
1/4


Similar Part No. - MJE5852

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5852 MOTOROLA-MJE5852 Datasheet
302Kb / 8P
8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5852 ONSEMI-MJE5852 Datasheet
302Kb / 8P
PNP SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
MJE5852 STMICROELECTRONICS-MJE5852 Datasheet
56Kb / 4P
HIGH VOLTAGE PNP POWER TRANSISTOR
Sep-2003
logo
ON Semiconductor
MJE5852 ONSEMI-MJE5852 Datasheet
104Kb / 8P
8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE5852 NJSEMI-MJE5852 Datasheet
114Kb / 3P
SWITCHMODE Series PNP Silicon Power Transistors
More results

Similar Description - MJE5852

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT45 PHILIPS-BFT45 Datasheet
52Kb / 8P
PNP high-voltage transistor
1997 Apr 18
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
PNP high-voltage transistor
1997 Apr 22
PMBTA92 PHILIPS-PMBTA92 Datasheet
41Kb / 6P
PNP high-voltage transistor
2004 Jan 22
logo
STMicroelectronics
ST93003 STMICROELECTRONICS-ST93003 Datasheet
254Kb / 7P
HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
Oct-2002
MJE5852 STMICROELECTRONICS-MJE5852_03 Datasheet
56Kb / 4P
HIGH VOLTAGE PNP POWER TRANSISTOR
Sep-2003
logo
NXP Semiconductors
PMBTA92 NXP-PMBTA92 Datasheet
106Kb / 6P
PNP high-voltage transistor
2004 Jan 22
logo
Solid States Devices, I...
SFT5094 SSDI-SFT5094_1 Datasheet
155Kb / 3P
High Voltage PNP Transistor
logo
Galaxy Semi-Conductor H...
3CD14001 BILIN-3CD14001 Datasheet
177Kb / 4P
High Voltage Fast Switching PNP Power Transistor
logo
Diodes Incorporated
ZXTP08400BFF DIODES-ZXTP08400BFF_16 Datasheet
392Kb / 7P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Rev 4
logo
Shenzhen Luguang Electr...
3CD14001 LUGUANG-3CD14001 Datasheet
1Mb / 3P
High Voltage Fast Switching PNP Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com