Electronic Components Datasheet Search
  English  ▼

X  

AV100P-US Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AV100P-US
Description  High density, small form factor audio, video and RS232 distribution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AV100P-US Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AV100P-US Datasheet HTML 1Page - Infinite Electronics International, Inc. AV100P-US Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A/V Display
Solutions
Experts in
Connectivity
Solutions
Digital Signage
Professional AV
High density, small form factor
audio, video and RS232 distribution
ADDERLink AV100 Series
The professional choice for audio, video distribution over CAT5 cable
FEATURES
Video performance
Industry leading resolutions of 1600x1200
are achievable at 200m (650ft) and
1280x1024 at 300m (1000ft).
Video compensation
The ADDERLink AV units apply a high
level of signal compensation that allows
for a greatly increased range of very
smooth and fine adjustments.
Brightness control
The ADDERLink AV offers its own
brightness correction to ensure that the
image is crisp, clear and bright, regardless
of the distance.
Audio
Digital audio transmission delivers high
fidelity; click-less audio for speakers and
microphones.
Integrated DeSkew
The ADDERLink AV101R has integrated
skew correction with a 300MHz
bandwidth, meaning that it is more than
powerful enough to counteract the
negative effects of the skew.
Rack options
Both transmitter and receiver units can be
used standalone or up to 16 units can be
mounted into a 3U chassis.
ADDERLink AV 100T transmitter and
ADDERLink AV100R
• Sold individually or as a pair (AV 100P)
• Local port on transmitter to connect
local screen and speakers or for cascading
• ADDERLink AV 100R duplicates input
from transmitter allowing for 2 video and
2 audio outputs
ADDERLink AV 104T transmitter
• Extends a single high-resolution video
and high fidelity audio signal to 4 different
receivers
• Local port to connect local screen
and speakers or to cascade to other
ADDERLink AV 104T transmitter units
ADDERLink AV 101R receiver unit
• Duplicates input from transmitter
allowing for 2 video and 2 audio outputs
• Has local cascade port allowing for
other receivers to be cascaded from the
original receiver
PRODUCT IN BRIEF
The ADDERLink AV Series is a range
of audiovisual extenders delivering high
video resolutions and superb quality
audio up to 300m using standard CATx
cable (x=5,5e,6,7).The innovative
design allows for flexible audiovisual
distribution that can be expanded to
grow in line with project developments
and ensures direct delivery of crystal
clear communication to consumers at
the point of decision.The ADDERLink
AV Series avoids the prohibitive
costs of fibre optic cabling, displays
with built in CPUs or locating a CPU
next to each screen.Consisting of 4
interchangeable units, the ADDERLink
AV Series makes the design of digital
signage and narrow casting applications
cost effective, flexible and easy to plan.


Similar Part No. - AV100P-US

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AV100PUS L-COM-AV100PUS Datasheet
427Kb / 2P
ADDERLink AV100 Series
More results

Similar Description - AV100P-US

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-10259 TEC-408-10259 Datasheet
92Kb / 3P
Small Form-Factor Pluggable (SFP) and zSFP
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
Small Form-Factor Pluggable
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
408-32163 TEC-408-32163 Datasheet
409Kb / 4P
Enhanced Small Form-Factor
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
Small Form Factor CRB
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com