Electronic Components Datasheet Search
  English  ▼

X  

AV100T-US Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AV100T-US
Description  High density, small form factor audio, video and RS232 distribution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AV100T-US Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AV100T-US Datasheet HTML 1Page - Infinite Electronics International, Inc. AV100T-US Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADDER TECHNOLOGY
Technology House,Trafalgar Way, Bar Hill,
Cambridge, CB23 8SQ UK
Tel: +44 (0)1954 780044 Fax: +44 (0)1954 780081
email: sales@adder.com www.adder.com
ADDER CORPORATION
350R Merrimac St.
Newburyport, MA 01950 USA
Tel: +1 888 932 3337 Fax: +1 888 275 1117
email: usasales@adder.com www.adder.com
ADDER TECHNOLOGY ASIA PACIFIC
8 Burn Road
#04-10 Trivex, Singapore 369977
Tel: +65 6288 5767 Fax: +65 6284 1150
email: asiasales@adder.com www.adder.com
© Copyright 2011 Adder Technology Ltd. All brand names and trademarks are the property of their respective owners. LM-alav100series_v5.indd
TECHNICAL SPECIFICATIONS
Video Resolutions
1600x1200 at distances up to 200m
(650ft), 1280x1024 at distances up to
300m (1000ft)
Extension distance (x=5,5e,6,7)
Up to 300m/1000 ft using CATx
(x=5,5e,6,7).
Cable Equalisation
Finely adjustable cable equalisation
amplifiers enable the video sharpness and
brightness to be independently adjusted
using the dials on the side of the receiver
units.
Integral DeSkew (ADDERLink AV101R
only)
Skew compensation adjustments can be
made using the two rotary dials on the
ADDERLink AV101R receiver unit.The
first dial affects the relationship between
green and blue colour signals, the second
red and green.The cable skew is produced
due to wire length differences between
different twisted pairs in a CATx cable
that arise due to the different twist rates
used to reduce signalling cross talk.The
amount of cable skew seen depends on
the cable type used and the cable length.
The ADDERLink AV101R provides up to
62ns of DeSkew with a fine 2ns resolution.
This means that high-resolution video
can be accurately DeSkewed even at long
cable distances.The DeSkew supports
300MHz bandwidths, which means it does
not adversely affect the video quality.
Indicators
The remote and local units are fitted with
two indicators; red shows the presence
of power into the module, green indicates
the presence of a video input.
Rack mount options
Both the local (computer-end) and
remote (display-end) units may be rack
mounted using ADDERLink AV Series
rack mount chassis.The chassis enable 16
units to be mounted in 3U of 19-inch rack
space.The units are rack mounted using
the optional rack mount faceplate.
Audio
Transmitted as digital signals to ensure
high fidelity and low noise levels
Connectors
• AV100T Video In/Out: HDD15.Audio
In/Out: 3.5mm audio jack. CATx: 1 x RJ45
connector. Power: 2.5mm DC jack
• AV100R Video Out: 2 x HDD15.Audio
Out: 2 x 3.5mm audio jack. CATx: 1 x
RJ45 connector. Power: 2.5mm DC jack
• AV104T Video In/Out: HDD15.Audio
In/Out: 3.5mm audio jack. CATx: 4 x RJ45
connector. Power: 2.5mm DC jack
• AV101R Video Out: 2 x HDD15.Audio
Out: 2 x 3.5mm audio jack. CATx: in 1 x
RJ45 connector out, 1 x RJ45 connector
in. Power: 2.5mm DC jack
Physical (All ADDERLink AV100 units)
Metal case (steel), 98mm x 95mm x 25mm
Spike suppression
All ADDERLink AV units are fitted with
spike suppression circuits.
Display Data Channel
DDC signalling is supported to enable the
computer to communicate with the local
monitor and thus configure its video card
for optimal operation.
Power
• Operating Voltage: 100-240VAC
• Power Frequency: 50-60Hz
• Usage: 5VDC at 500mA
Operating temperature
0ºC to 40ºC / 32ºF to 104ºF
Humidity Tolerance
5 to 60% non-condensing
Approvals
CE, FCC
ABOUT ADDER
Adder is a leading developer and
thought leader in connectivity
solutions.Adder’s advanced range
of KVM switches, extenders and
IP solutions enable the control of
local, remote and global IT systems
across the enterprise. The company
distributes its products in more than
60 countries through a network of
distributors, resellers and OEMs.Adder
has offices in the United States, United
Kingdom, Germany, the Netherlands,
Sweden, China and Singapore.
To find out more, visit:
http://www.adder.com
ADDERLink AV100 Series
The professional choice for audio, video distribution over CAT5 cable
ORDERING INFORMATION
Extender pair (no skew): ALAV100P-XX
Remote Receiver only (no skew): ALAV100R-XX
Local Transmitter only:ALAV100T-XX
Remote Receiver with skew and cascade port:ALAV101R-XX
AV101R pack of 4 units:ALAV101R-4PK-XX
Quad local Transmitter:ALAV104T-XX
AV104T pack of 4 units:ALAV104T-4PK-XX
XX
= Mains Lead Country Code:
UK
= United Kingdom
US
= United States
EURO
= Europe
AUS
=Australia
ADDITIONAL ACCESSORIES
ALAV-RMK-CHASSIS: 19” 3U rack mount chassis
ALAV-RMK-FASCIA: Universal fascia & mounting kit
CAB-9M/9F-2M: 9M/9F Serial cable
VSC18: 2m Tricoax video 15HDD M-M
VSC19: Serial “Y“ spliter cable 100mm
VSC22: 2m 3.5mm stereo plug to plug audio cable
SERIES PRODUCTS
Adder offer a vast range of products to
suit your needs. Other products you may
be interested in include:
ADDERLink AV100R
Receiver, no skew
ADDERLink AV100T
Transmitter
ADDERLink AV104T
Quad Transmitter
ADDERLink AV101R
Receiver with skew &
cascade port



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com