Electronic Components Datasheet Search
  English  ▼

X  

AV201R-US Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AV201R-US
Description  High density, small form factor audio, video and RS232 distribution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AV201R-US Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AV201R-US Datasheet HTML 1Page - Infinite Electronics International, Inc. AV201R-US Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADDER CORPORATION
350R Merrimac St.
Newburyport, MA 01950 USA
Tel: +1 888 932 3337 Fax: +1 888 275 1117
email: usasales@adder.com www.adder.com
ADDER TECHNOLOGY ASIA PACIFIC
8 Burn Road
#04-10 Trivex, Singapore 369977
Tel: +65 6288 5767 Fax: +65 6284 1150
email: asiasales@adder.com www.adder.com
ADDER TECHNOLOGY
Saxon Way, Bar Hill,
Cambridge, CB23 8SL UK
Tel: +44 (0)1954 780044 Fax: +44 (0)1954 780081
email: sales@adder.com www.adder.com
© Copyright 2012 Adder Technology Ltd.All brand names and trademarks are the property of their respective owners. LMalav200series_v6.indd
SERIES PRODUCTS
Adder offer a vast range of products
to suit your needs. Other products you
may be interested in include:
ADDERLink AV200R
Dual output receiver
ADDERLink AV200T
Transmitter
ADDERLink AV201R
Dual output receiver
with Deskew
ADDERLink AV204T
4 line transmitter,
cascadeable
ADDERLink AV208T
8 line transmitter,
cascadeable
TECHNICAL SPECIFICATIONS
Video Resolutions
1600 x 1200 at distances up to 200
metres/650 feet, 1280 x 1024 at distances
up to 300 metres/1000 feet.
Extension distance
Up to 300 meters/1000 feet using CATx
(x=5,5e,6,7).
Connectors (ADDERLink AV 200T)
1 x blue 15-pin high-density D-type female
connector for video input, 1 x light green
3.5mm audio jack for audio input, 1 x
9-pin D-type female for serial input. 1 x
blue 15-pin high-density D-type female
connector for video output and 1 x light
green 3.5mm audio jack for audio output.
1 x RJ45 connector for CATx cable
connection. 2.5mm DC jack for power
adapter.
Connectors (ADDERLink AV 200R)
2 x blue 15-pin high-density D-type female
connector for video output, 2 x light
green 3.5mm audio jack for audio output
and 1 x 9-pin D-type male for serial
output (use splitter cable for dual serial
conections). 1 x RJ45 connector for CATx
cable connection. 2.5mm DC jack for
power adapter.
Physical
ADDERLink AV 200T, 200R and 201R
Metal case (steel and stainless steel),
98mm x 95mm x 25mm.
ADDERLink AV 204T, 208T Metal case
(steel and stainless steel), 185mm x 95mm
x 51mm
Power
All ADDERLink AV units are powered by
an external 5.3V DC, 2A power supply
with IEC power cable connection.A
country specific power cord is provided.
Alternatively 4 units can be powered using
a 5.3V DC, 4amp power supply and the
Adder “Squid” cable.
Spike suppression
All ADDERLink AV units are fitted with
spike suppression circuits.
Display Data Channel
DDC signalling is supported to enable the
computer to communicate with the local
monitor and thus configure its video card
for optimal operation.
Optional accessories
ALAV - Series rack mount chassis (part
code:ALAV-RMK-CHASSIS), rack mount
plate for ALAV200T, 200R and 201R local/
remote units (part codes:ALAV-RMK-
FACIA), rack mount plate for ALAV204T
and 208T (ALAV-RMK-XXXXX) Adder
4amp power supply and “squid” cable to
power 4 ALAV units (part code ALAV-
PDM-KIT).
Power
Operating Voltage: 100-240VAC
Power Frequency: 50-60Hz
Usage: 5VDC at 500mA
Operating Temperature
0ºC to 40ºC / 32ºF to 104ºF
Humidity Tolerance
5 to 60% non-condensing
Approvals
FCC class A, CE marked
ABOUT ADDER
Adder is a leading developer and
thought leader in connectivity
solutions.Adder’s advanced range
of KVM switches, extenders and IP
solutions enable the control of local,
remote and global IT systems across
the enterprise.The company distributes
its products in more than 60 countries
through a network of distributors,
resellers and OEMs.Adder has offices
in the United States, United Kingdom,
Germany, the Netherlands, Sweden,
China and Singapore.
To find out more, visit:
http://www.adder.com
ADDERLink AV200 Series
The professional choice for audio, video and RS232 distribution
ORDERING INFORMATION
ALAV200P-XX: Pair with Audio,Video & RS232
ALAV200R-XX: Receiver with Audio,Video & RS232 (no skew)
ALAV200T-XX:Transmitter with Audio,Video & RS232
ALAV201R-XX: Receiver with Audio,Video & RS232 (with
skew)
ALAV204T: 4 way Transmitter with Audio,Video & RS232
ALAV208T: 8 way Transmitter with Audio,Video & RS232
XX
= Mains Lead Country Code:
UK
= United Kingdom
US
= United States
EURO
= Europe
AUS
=Australia
ADDITIONAL ACCESSORIES
ALAV-RMK-CHASSIS: 19” 3U rack mount chassis
ALAV-RMK-FASCIA: Universal fascia & mounting kit
ALAV-RMK-FASCIA2: Universal fascia & mounting kit for 204T
and 208T units
CAB-9M/9F-2M: 9M/9F Serial cable
VSC18:Tricoax video 15HDD M-M 2m
VSC19: Serial “Y“ spliter cable 100mm
VSC22: 2 m 3.5mm stereo plug to plug audio cable
RMK-ALAV204-208-UNIVERSAL: 19” 4U rack mount chassis



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com