Electronic Components Datasheet Search
  English  ▼

X  

MJE802 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJE802
Description  SILICON NPN POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE802 Datasheet(HTML) 1 Page - STMicroelectronics

  MJE802 Datasheet HTML 1Page - STMicroelectronics MJE802 Datasheet HTML 2Page - STMicroelectronics MJE802 Datasheet HTML 3Page - STMicroelectronics MJE802 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MJE802
MJE803
SILICON NPN POWER DARLINGTON TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
DESCRIPTION
The
MJE802
and
MJE803
are
silicon
epitaxial-base
NPN
transistors
in
monolithic
Darlington configuration and are mounted in
Jedec SOT-32 plastic package.They are intended
for use in medium power linear and switching
applications.
INTERNAL SCHEMATIC DIAGRAM
January 1997
3
2
1
SOT-32
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
80
V
VCEO
Collector-Emitter Voltage (IB = 0)
80
V
VEBO
Base-Emitter Voltage (IC = 0)
5V
IC
Collector Current
4A
IB
Base Current
0.1
A
Ptot
Total Power Dissipation at Tcase
≤ 25 oC
40
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max Operating Junction Temperature
150
oC
For PNP types voltage and current values are negative.
1/4


Similar Part No. - MJE802

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE802 MOTOROLA-MJE802 Datasheet
256Kb / 6P
4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
logo
ON Semiconductor
MJE802 ONSEMI-MJE802 Datasheet
256Kb / 6P
DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
Inchange Semiconductor ...
MJE802 ISC-MJE802 Datasheet
102Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
Fairchild Semiconductor
MJE802 FAIRCHILD-MJE802 Datasheet
51Kb / 4P
Monolithic Construction With Built-in Base- Emitter Resistors
logo
STMicroelectronics
MJE802 STMICROELECTRONICS-MJE802 Datasheet
75Kb / 4P
SILICON NPN POWER DARLINGTON TRANSISTOR
Sep-2003
More results

Similar Description - MJE802

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2560 ISC-2SD2560 Datasheet
137Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SD2386 SAVANTIC-2SD2386 Datasheet
127Kb / 3P
Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com