Electronic Components Datasheet Search
  English  ▼

X  

KP-CSLMM1-F1 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # KP-CSLMM1-F1
Description  OSRAM OSTAR™ Projection Compact
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KP-CSLMM1-F1 Datasheet(HTML) 4 Page - ams-OSRAM AG

  KP-CSLMM1-F1 Datasheet HTML 1Page - ams-OSRAM AG KP-CSLMM1-F1 Datasheet HTML 2Page - ams-OSRAM AG KP-CSLMM1-F1 Datasheet HTML 3Page - ams-OSRAM AG KP-CSLMM1-F1 Datasheet HTML 4Page - ams-OSRAM AG KP-CSLMM1-F1 Datasheet HTML 5Page - ams-OSRAM AG KP-CSLMM1-F1 Datasheet HTML 6Page - ams-OSRAM AG KP-CSLMM1-F1 Datasheet HTML 7Page - ams-OSRAM AG KP-CSLMM1-F1 Datasheet HTML 8Page - ams-OSRAM AG KP-CSLMM1-F1 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
KP CSLMM1.F1
DATASHEET
DATASHEET
4 | Version 1.4 | 2026-07-01
Maximum Ratings
Parameter
Symbol
Values
Operating Temperature
T
op
min.
max.
-40 °C
125 °C
Storage Temperature
T
stg
min.
max.
-40 °C
125 °C
Junction Temperature
T
j
max.
150 °C
Forward Current
T
S = 25 °C
I
F
min.
max.
50 mA
750 mA
Forward Current pulsed
D = 0.5; f = 240 Hz; Tj = Tj,max
I
F pulse
1650 mA
Surge Current
t ≤ 10 µs; D = 0.5 ; T
S = 25 °C
I
FS
max.
1800 mA
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
V
ESD
2 kV
Reverse current 2)
I
R
max.
200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com