Electronic Components Datasheet Search
  English  ▼

X  

KP-CSLMMA-F1 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # KP-CSLMMA-F1
Description  OSRAM OSTAR™ Projection Compact
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KP-CSLMMA-F1 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button KP-CSLMMA-F1 Datasheet HTML 9Page - ams-OSRAM AG KP-CSLMMA-F1 Datasheet HTML 10Page - ams-OSRAM AG KP-CSLMMA-F1 Datasheet HTML 11Page - ams-OSRAM AG KP-CSLMMA-F1 Datasheet HTML 12Page - ams-OSRAM AG KP-CSLMMA-F1 Datasheet HTML 13Page - ams-OSRAM AG KP-CSLMMA-F1 Datasheet HTML 14Page - ams-OSRAM AG KP-CSLMMA-F1 Datasheet HTML 15Page - ams-OSRAM AG KP-CSLMMA-F1 Datasheet HTML 16Page - ams-OSRAM AG KP-CSLMMA-F1 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
KP CSLMMA.F1
DATASHEET
DATASHEET
13 | Version 1.2 | 2025-05-14
Max. Permissible Forward Current 6)
I
F = f(T)
020406080
100
120
T /°C
0
100
200
300
400
500
600
700
800
IF /mA
:Ts
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle
10-6 10-5 10-4 10-3 0,01
0,11
10
/
0,8
1,0
1,2
1,4
1,6
1,8
2,0
IF /A
TS =0°C ... 125°C
KP CSLMMA.F1
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005
Permissible F. Handling Capability
f: Frequency
0102030405060708090 100
/
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
IF /A
KP CSLMMA.F1
TS =0°C ... 125°C
:f= 60Hz
:f= 120Hz
:f= 240Hz
:f= 400Hz
:f= 800Hz
:f= 1000Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com