Electronic Components Datasheet Search
  English  ▼

X  

KP-CSLNM1-F1 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # KP-CSLNM1-F1
Description  OSRAM OSTAR® Projection Compact
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KP-CSLNM1-F1 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button KP-CSLNM1-F1 Datasheet HTML 17Page - ams-OSRAM AG KP-CSLNM1-F1 Datasheet HTML 18Page - ams-OSRAM AG KP-CSLNM1-F1 Datasheet HTML 19Page - ams-OSRAM AG KP-CSLNM1-F1 Datasheet HTML 20Page - ams-OSRAM AG KP-CSLNM1-F1 Datasheet HTML 21Page - ams-OSRAM AG KP-CSLNM1-F1 Datasheet HTML 22Page - ams-OSRAM AG KP-CSLNM1-F1 Datasheet HTML 23Page - ams-OSRAM AG KP-CSLNM1-F1 Datasheet HTML 24Page - ams-OSRAM AG KP-CSLNM1-F1 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
KP CSLNM1.F1
DATASHEET
DATASHEET
21 | Version 1.12 | 2022-04-14
C
Chhiipp TTeecchhnnoollooggyy::
PP::
Standard power class
N
N::
Standard power class
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
LL::
No lens (Lambertian)
W
Waavveelleennggtthh
EEm
miissssiioonn
((λλddoomm ttyypp..))
W
W::
white
YY::
yellow
BB::
470 nm
blue
R
R::
625 nm
red
PP::
560 nm
pure green
TT:
519 nm
true green
PPrroodduucctt
vveerrssiioonn
KK:: Automotive
and Industry
Product
TTeecchhnnoollooggyy C
Coonncceepptt
M
M::
Silicone encapsulation
molding)
LL::
Silicone casting
Platform: Ceramic
PPaacckkaaggee TTyyppee
C
C:: Toplooker
Ceramic package
w/o reflector
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
TTO
OPPllooookkeerr::
SS:: 3131
C
Ceerraam
miicc ppaacckkaaggeess::
SS:: 3030
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
KK
BB
C
C
SS
LL
N
N
M
M
11
..
11
44
BBiinnnniinngg IInnffoorrm
maattiioonn::
11::
33::
mlm
44::
mW
G
G::
ECE binning:IEC 62707
(ebxD46 System)
Y:
Cx;Cy acc. to CIE 1931
SSppeecciiaall C
Chhaarraacctteerriissttiicc
11:: InGaN saturated colors
22:: INGaAlP or AlGaAs
saturated colors
FF:: Full conversion
(color depending on color
description)
TT:: greenish cold white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com