| Electronic Components Datasheet Search |
|
MKI41T56 Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MKI41T56 Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 15 page ![]() Symbol Parameter Min Max Unit fSCL SCL Clock Frequency 0 100 kHz tLOW Clock Low Period 4.7 µs tHIGH Clock High Period 4 µs tR SDA and SCL Rise Time 1 µs tF SDA and SCL Fall Time 300 ns tHD:STA START Condition Hold Time (after this period the first clock pulse is generated) 4 µs tSU:STA START Condition Setup Time (only relevant for a repeated start condition) 4.7 µs tSU:DAT (1) Data Setup Time 250 ns tHD:DAT Data Hold Time 0 µs tSU:STO STOP Condition Setup Time 4.7 µs tBUF Time the bus must be free before a new transmission can start 4.7 µs tI Noise suppression time constant at SCL and SDA input 0.25 1 µs Note: 1. Transmitter must internally provide a hold time to bridge the undefined region (300ns max.) of the falling edge of SCL. Table 10. AC Characteristics (TA = 0 to 70 °C or –40 to 85°C; VCC = 4.5V to 5.5V) Accordingly, the following bus conditions have been defined: Bus not busy. Both data and clock lines remain High. Start data transfer. A change in the state of the data line, from High to Low, while the clock is High, defines the START condition. Stop data transfer. A change in the state of the data line, from Low to High, while the clock is High, defines the STOP condition. Data valid. The state of the data line represents valid data when after a start condition, the data line is stable for the duration of the High period of the clock signal. The data on the line may be changed during the Low period of the clock signal. There is one clock pulse per bit of data. Each data transfer is initiated with a start condition and terminated with a stop condition. The number of data bytes transferred between the start and stop conditions is not limited. The information is trans- mitted byte-wide and each receiver acknowledges with a ninth bit. By definition, a device that gives out a message is called "transmitter", the receiving device that gets the message is called "receiver". The device that controls the message is called "master". The de- vices that are controlled by the master are called "slaves". Acknowledge. Each byte of eight bits is followed by one acknowledge bit. This acknowledge bit is a low level put on the bus by the receiver, whereas the master generates an extra acknowledge re- lated clock pulse. A slave receiver which is addressed is obliged to generate an acknowledge after the reception of each byte. Also, a master receiver must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges has to pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is a stable Low during the High period of the acknowledge related clock pulse. Of course, setup and hold times must be taken into account. A master receiver must signal an end-of-data to the slave transmitter by not gen- erating an acknowledge on the last byte that has been clocked out of the slave. In this case, the transmitter must leave the data line High to enable the master to generate the STOP condition. 2-WIRE BUS CHARACTERISTICS (cont’d) 6/15 MK41T56, MKI41T56 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |