Electronic Components Datasheet Search
  English  ▼

X  

CVC6246TW Datasheet(PDF) 1 Page - Speco Technologies.

Part # CVC6246TW
Description  HD-TVI 2MP Intensifier® T Indoor Dome Camera
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

CVC6246TW Datasheet(HTML) 1 Page - Speco Technologies.

  CVC6246TW Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
Image Sensor .............................. 1/3” Sony Exmor CMOS, 2MP
Resolution ................................... 1980x1080p @ 30fps
Minimum Illumination .................. 0.001 lux
Effective Pixels ............................ 1984 (H) x 1105 (V)
Total Pixels ................................. 2000 (H) x 1121 (V)
TV System................................... NTSC
Scanning System ........................ Progressive
S/N Ratio .................................... 50dB
Video Output ............................... 1.0Vp-p / 75 ohms
Electronic Shutter Speed ............ Auto / Manual
OSD ............................................ Available
Backlight Compensation.............. BLC / HLC / Off
Day/Night .................................... Color / BW / Auto / Ext
AGC............................................. Level adjustable (0 - 10)
White Balance ............................ ATW / Push / Manual
Sense-up ..................................... 2x – 32x (adjustable)
Test Monitor Output ..................... CVBS
Intensify ....................................... Auto / Off (selectable x2 - x512)
Motion Detection ......................... On / Off (4 programmable zones)
Privacy Masking .......................... On / Off (16 programmable zones)
Speco DNR.................................. Off / Low / Med / High
Sharpness ................................... On / Off (level adjustable)
Mirror ........................................... On / Off
Power Supply .............................. 12VDC / 24VAC dual voltage operation
(power supply not included)
Power Consumption .................... 12VDC, 150mA / 24VAC, 195mA
Operating Temperature................ 14˚ F ‒ 122˚ F
Storage Temperature................... -4˚ F ‒ 140˚ F
Dimensions.................................. 3.82” (H) x 5.47” (Dia.)
Weight ........................................ 1.54 lbs.
• 1/3” Sony Exmor CMOS, 2MP
• Full HD resolution over coax (HD-TVI)
• Amplify existing light with no distance limitations
• No problems caused by objects that reflect or absorb IR light sources
• With presets for different scenarios
• 12VDC / 24VAC dual voltage operation
• Full OSD operation via UTC
• 3 axis lens mount
• Signal distance up to 1600 ft*
• Additional analog output for 960H
• 5 year warranty
HD-TVI 2MP Intensifier® T Indoor
Dome Camera
CVC6246T
2.8-12mm auto iris varifocal lens, black housing
CVC6246TW 2.8-12mm auto iris varifocal lens, white housing
Features
*To preserve signal quality and distance, Speco Technologies recommends using coax with a 100% copper center conductor and at least 95% braided copper shield.
Speco Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring
any obligation. Spec Rev. 2/23/22
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
5.47” (Dia.)
Optional Accessories
TVIUTPPT
HD Video
Transceiver with
Pigtail (Balun)
TVIUTP
HD Video
Transceiver
PSW5
12VDC
Power Supply
DFM1
Tile Ceiling
Flush Mount
CVCWMINDT
Indoor
Wall Mount
PSW4
24VAC
Power Supply
YEAR
ARRANT
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - CVC6246TW

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
CVC620WPT SPECO-CVC620WPT Datasheet
422Kb / 1P
HD-TVI Waterproof Color Camera with 30 ft. Cable
2/23/22
CVC627MT SPECO-CVC627MT Datasheet
398Kb / 1P
HD-TVI 2MP Waterproof Marine Camera
2/23/22
More results

Similar Description - CVC6246TW

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3053 LVL1-FCS-3053 Datasheet
683Kb / 4P
Fixed Dome Network Camera
FCS-3054 LVL1-FCS-3054 Datasheet
567Kb / 4P
Fixed Dome Network Camera
FCS-3082 LVL1-FCS-3082 Datasheet
898Kb / 5P
Fixed Dome Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
1Mb / 5P
Fixed Dome Network Camera
FCS-3102 LVL1-FCS-3102 Datasheet
147Kb / 4P
Fixed Dome Network Camera
FCS-4302 LVL1-FCS-4302 Datasheet
396Kb / 4P
PTZ Dome Network Camera
logo
A1 PROs co., Ltd.
AH242T A1PROS-AH242T Datasheet
225Kb / 2P
2.1Mega pixel TVI Camera
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
logo
Honeywell Solid State E...
H4W2PER2V HONEYWELL-H4W2PER2V Datasheet
562Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
H4W2PER3V HONEYWELL-H4W2PER3V Datasheet
561Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com