Electronic Components Datasheet Search
  English  ▼

X  

PSW4 Datasheet(PDF) 1 Page - Speco Technologies.

Part # PSW4
Description  HD-TVI 2MP Waterproof Marine Camera
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

PSW4 Datasheet(HTML) 1 Page - Speco Technologies.

  PSW4 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
Image Sensor ................ 1/3” Progressive Scan CMOS, 2MP
Resolution...................... 1920 x 1080
Minimum Illumination..... 0 lux (IR LEDs on)
Effective Pixels .............. 1984 (H) x 1105 (V)
Total Pixels .................... 2000 (H) x 1121 (V)
Number of IR LEDs ....... 24
IR Range ....................... 65 ft. (depending on scene reflection)
Electronic Shutter .......... Auto / Manual (1/30 – 1/30,000 sec)
S/N Ratio ....................... More than 50dB
Synchronization............. Internal
Scanning System........... 2:1 Interlaced
Video Output.................. 1Vp-p / 75 ohms
TV System..................... NTSC
Power Supply ................ 12VDC / 24VAC (power supply not included)
Power Consumption ...... 350mA (12VDC) / 300mA (24VAC)
Operating Temperature.. 14° F – 120° F
Unit Dimensions ............ 2.47” (W) x 2.74” (H) x 4.01” (L)
Unit Weight.................... 12 oz.
Cable ............................. 10’ of power/video cable included
Included in Package ...... Main unit, mounting screws, mounting bracket
Signal Distance.............. Up to 1600 ft. (depending on coax quality)*
• Full HD resolution over coax (HD-TVI)
• Full HD 1080p @ 30fps
• Great for marine applications
• Additional analog output for 960H
• Full OSD operation via UTC (TVI only)
• IP67 compliant, waterproof
• 12VDC / 24VAC dual voltage operation
• 5 year warranty
HD-TVI 2MP Waterproof Marine Camera
CVC627MT 3.6mm fixed lens, white housing
Features
*To preserve signal quality and distance, Speco Technologies recommends using coax with a 100% copper center conductor and at least 95% braided copper shield.
Speco Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any
obligation. Spec Rev. 2/23/22
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
4.01” (L)
2.47” (W)
Optional Accessories
TVIUTPPT
HD Video Transceiver
with Pigtail (Balun)
TVIUTP
HD Video
Transceiver
PSW5
12VDC
Power Supply
PSW4
24VAC
Power Supply
YEAR
ARRANT
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - PSW4

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
PSW4 SPECO-PSW4 Datasheet
526Kb / 1P
HD-TVI 2MP Intensifier® T Indoor Dome Camera
2/23/22
More results

Similar Description - PSW4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
Quad 2MP Camera Hub FPD-Link III Deserializer
logo
A1 PROs co., Ltd.
AH232Z A1PROS-AH232Z Datasheet
164Kb / 2P
2.1Mega pixel HD SDI Camera
AH242T A1PROS-AH242T Datasheet
225Kb / 2P
2.1Mega pixel TVI Camera
AH247VP A1PROS-AH247VP Datasheet
174Kb / 2P
2.1Mega pixel HD-SDI Camera
AP242S A1PROS-AP242S Datasheet
730Kb / 4P
2Megapixel Full HD Network Camera Module
logo
Willow Technologies Ltd
PAC7512 WILLOW-PAC7512 Datasheet
139Kb / 1P
HD-720p USB 2.0 Camera SoC
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
Full-HD IP Camera SoC
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
logo
Honeywell Solid State E...
H4W2PER2V HONEYWELL-H4W2PER2V Datasheet
562Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
H4W2PER3V HONEYWELL-H4W2PER3V Datasheet
561Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com