Electronic Components Datasheet Search
  English  ▼

X  

D4VN Datasheet(PDF) 2 Page - Speco Technologies.

Part # D4VN
Description  HD-TVI NDAA Compliant Digital Video Recorder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

D4VN Datasheet(HTML) 2 Page - Speco Technologies.

  D4VN Datasheet HTML 1Page - Speco Technologies. D4VN Datasheet HTML 2Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
800.645.5516 • Fax: 631.957.9142 or 631.957.3880 • specotech.com
Please note that specifications and unit exterior design are subject to change without notification. Rev. 4/13/22
Technical Specifications:
HD-TVI NDAA Digital Video Recorder
TVI
ITEM
D4VN
D8VN
D16VN
Video
Input
Number of Channels
4
8
16
Camera Types
960H, HD-TVI 1/2/3/4
Output
Main Monitor
VGA and HDMI (Max. 1920x1080)
VGA and HDMI (Max. 3840x2160)
Sub Monitor
CVBS or SPOT (Selectable)
-
Audio
Input
Local Input
4
Output
Local Output
1
Audio Codec
G.711
Alarm
Sensor Input
4
Alarm Output
1
Serial
RS-485
1
Live
Frame Rate with 4MP Cameras
15fps/channel
Frame Rate with 3MP Cameras
18fps/channel
13fps/channel
18fps/channel
Frame Rate with 2MP Cameras
30fps/channel
Recording
Compression
H.265/H.264
Local Resolution
& Frame Rate
4MP @ 30fps
1280x1440 15fps
4MP @ 15fps
2560x1440 10fps
3MP @ 18fps
2048x1535 13fps
2MP @ 30fps
1920x1080 15fps
Recording Quality Grade
5 Levels
Recording Mode
Smart / Continuous / Motion / Sensor / Schedule / Manual
Pre-Recording
Max. 20 minutes
Post Recording
Max. 60 seconds
Playback
Search
EZ Search, Date/Time, Event, Log
Multi-Decoding
1, 4
1, 4, 8
1, 4, 9, 16
Playback Speed
x0.25, x0.5, x2, x4, x8, x16, x32, x64
Backup
Media
USB Drive, External HDD, Network
File Format
JPEG, AVI, Proprietary Format and EXE
Huge Backup
Yes (Max. 24 hours)
Storage
HDD
Capacity of 1 HDD
10TB
Internal HDDs
1
USB
Front
1
Rear
1
User I/F
Input Method
IR Remote Control, Mouse, Keyboard Controller
Network
Interface
100Mbps
1Gbps
Dynamic DNS
Yes (Free Speco DDNS)
Dual Streaming
Yes
Network Access
3G/4G Mobile Viewer
Speco Player (iPad® / iPhone® / Android™)
PC Web Viewer
Windows (Internet Explorer, Edge, Chrome, & Firefox)
PC Client
SecureGuard CMS & SpecoTech Multi-Client Viewer
Other Viewing Platforms
Apple TV and Amazon Fire TV
MAC Client
Speco Client for MAC and SecureGuard® VMS
Remote Setup and Upgrade
Yes
Features
Camera Control
OSD & PTZF Control via UTC
Digital Zoom
Yes
DLS (Daylight Savings)
Yes
NTP (Network Time Protocol)
Yes
S.M.A.R.T
Yes
Internal Beep
Yes
Multi-Language
Yes
System Event Notification
Health, Restart, Shutdown, Panic Recording, Alarm, Motion, HDD Alert and E-mail
Power
Power Supply Voltage
12VDC 3A
Allowable Operating Temperature / Humidity
41° F - 104° F / 20% - 80% RH
Allowable Storage Temperature
14° F - 122° F
Weight
Unit Weight (Gross Weight)
4.35 lbs.
Dimensions
Unit Dimensions (W x H x L)
11.8” (W) x 9.9” (H) x 2.0” (L)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com