Electronic Components Datasheet Search
  English  ▼

X  

POE16SW18 Datasheet(PDF) 1 Page - Speco Technologies.

Part # POE16SW18
Description  HD-TVI Wall Mount Digital Video Recorder with Built-In Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

POE16SW18 Datasheet(HTML) 1 Page - Speco Technologies.

  POE16SW18 Datasheet HTML 1Page - Speco Technologies. POE16SW18 Datasheet HTML 2Page - Speco Technologies. POE16SW18 Datasheet HTML 3Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
800.645.5516 • Fax: 631.957.9142 or 631.957.3880 • specotech.com
Optional Accessory
EZ Wizards - For ease of use and setup
Setup: for quick setup of general settings
Network: network setup and port forwarding
Record: quickly setup recording resolutions and recording type
Search: quickly search for events from thumbnails
Copy: quickly copy what you are playing onto a USB flash drive
•A patented DVR solution that easily mounts in equipment closets
or electrical rooms for covert installations
•Supports up to 4MP @ 15fps over coax
•Supports up to 3MP @ 18fps over coax
•Supports up to 2MP @ 30fps over coax
•Backward compatible with all analog cameras
•UTC function allows for zoom/focus and OSD control over coax
•H.264 video compression
•Tamper resistant, 20 gauge powder coated steel
•Surface or flush mountable
•Free U.S. - Based DDNS Server Access
•5 year limited warranty2
•Signal distance up to 1600 feet1
•Video Out: 1 HDMI®, 1 VGA, 1 CVBS
•Digital Deterrent® supports up to 8 audio files for triggering during sensor
or motion detection
•2-way audio communication
•Built-in S.M.A.R.T. Technology (Self-Monitoring, Analysis and Reporting
Technology for HDD)
•4 channel audio recording
•Password to secure installation authorization
•Smart (Museum) Search - Quickly search for a specific video event without
the need for motion setup.
•Easy firmware upgrade by USB port
•Instant and convenient backup via USB flash drive
•Supports multiple PC based browsers such as Internet Explorer and Firefox
•Simultaneous playback/record while continuing to network transfer or backup
•User Access: up to 12 concurrent users for live viewing, 1 user for playback
•Remote monitoring / recording / playback / configuration / software
upgrades and PTZ control via internet
•Network accessible via SpecoTech Multi-Client Software, SecureGuard®,
Web-Viewer and Speco Player Mobile app, Apple TV and Amazon Fire TV
•PC and MAC® compatible
•IR remote control and mouse included
HD-TVI Wall Mount Digital Video Recorder
with Built-In Power Supply
TVI
Key Features
Additional Features
YEAR
ARRANT
POE16SW18
16 PoE Port 10/100
802.3af/ at Switches
1
To preserve signal quality and distance, Speco Technologies recommends using coax with 100% copper center conductor and at least 95% braided copper shield. 2Hard drives excluded. iPhone is a trademark
of Apple Inc., registered in the U.S. and other countries. Android is a trademark of Google Inc. Amazon’s trademark is used under license from Amazon.com, Inc. or its affiliates. The terms HDMI and HDMI High-
Definition Multimedia Interface, and the HDMI Logo are trademarks or registered trademarks of HDMI Licensing LLC in the United States and other countries. Speco Technologies is constantly developing and
improving products.We reserve the right to modify product design and specifications without notice and without incurring any obligation. Spec Rev. 10/20/21
D4WVXP 4 Channel HD-TVI Wall Mount DVR with Built-in Power Supply
D8WVXP 8 Channel HD-TVI Wall Mount DVR with Built-in Power Supply
STORAGE 2TB - 8TB
see last page for configurations
Your logo
Here
Use
With


Similar Part No. - POE16SW18

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
POE16SW18 SPECO-POE16SW18 Datasheet
1Mb / 2P
HT Full Hybrid Video Recorder with Looping Outputs and Real-Time Recording
12/17/20
More results

Similar Description - POE16SW18

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN1232 IKSEMICON-IN1232_11 Datasheet
151Kb / 7P
POWER SUPPLY CONTROL WITH BUILT-IN WATCHDOG TIMER
logo
Advantech Co., Ltd.
NVS-160 ADVANTECH-NVS-160_13 Datasheet
315Kb / 2P
Embedded Video Recorder with PoE Switch
logo
Level One
NVR-02 LVL1-NVR-02 Datasheet
915Kb / 3P
Network Video Recorder
NVR-12 LVL1-NVR-12 Datasheet
773Kb / 3P
Network Video Recorder
logo
AAEON Technology
VPC-5600S AAEON-VPC-5600S Datasheet
185Kb / 1P
Fanless In-Vehicle Network Video Recorder with Intel Processor
VPC-3300S AAEON-VPC-3300S Datasheet
396Kb / 2P
In-Vehicle Network Video Recorder Platform with Intel
VPC-5500S AAEON-VPC-5500S Datasheet
460Kb / 2P
In-Vehicle Network Video Recorder Platform with Intel
logo
Contec Co., Ltd
CPSN-DI-16BCL CONTEC-CPSN-DI-16BCL Datasheet
588Kb / 3P
Digital Input Module 16ch, Built-in power supply
logo
Advantech Co., Ltd.
DVP-7036HE ADVANTECH-DVP-7036HE Datasheet
457Kb / 2P
4-ch Full HD TVI Mini-PCIe Video Capture Card with SDK
15-Jun-2022
logo
Aven, Inc.
26700-140-3D AVEN-26700-140-3D Datasheet
707Kb / 1P
Digital Microscope with Built-in HD Monitor and 360 Viewer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com