Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 4Page - Renesas Technology Corp S7G2 Datasheet HTML 5Page - Renesas Technology Corp S7G2 Datasheet HTML 6Page - Renesas Technology Corp S7G2 Datasheet HTML 7Page - Renesas Technology Corp S7G2 Datasheet HTML 8Page - Renesas Technology Corp S7G2 Datasheet HTML 9Page - Renesas Technology Corp S7G2 Datasheet HTML 10Page - Renesas Technology Corp S7G2 Datasheet HTML 11Page - Renesas Technology Corp S7G2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 8 of 117
Sep 24, 2025
S7G2 Datasheet
1. Overview
Data Operation Circuit (DOC)
The Data Operation Circuit (DOC) compares, adds, and subtracts 16-bit data. See section 52,
Data Operation Circuit (DOC) in Userʼs Manual.
Sampling Rate Converter (SRC)
The Sampling Rate Converter (SRC) converts the sampling rate of data produced by various
audio decoders, such as the WMA, MP3, and AAC. Both 16-bit stereo and monaural data are
supported. See section 42, Sampling Rate Converter (SRC) in Userʼs Manual.
Table 1.13
Security
Feature
Functional description
Secure Crypto Engine 7 (SCE7)
 Security algorithms:
- Symmetric algorithms: AES, 3DES, and ARC4
- Asymmetric algorithms: RSA, DSA, and ECC.
 Other support features:
- TRNG (True Random Number Generator)
- Hash-value generation: SHA1, SHA224, SHA256, GHASH, and MD5
- 128-bit unique ID.
Table 1.14
I/O ports
Feature
Functional description
I/O ports
 I/O ports for the 224-pin BGA
- I/O pins: 163
- Input pins: 9
- Pull-up resistors: 164
- N-ch open-drain outputs: 163
- 5-V tolerance: 22
 I/O ports for the 176-pin BGA, 176-pin LQFP
- I/O pins: 117
- Input pins: 9
- Pull-up resistors: 118
- N-ch open-drain outputs: 117
- 5-V tolerance: 16
 I/O ports for the 145-pin LGA, 144-pin LQFP
- I/O pins: 95
- Input pins: 9
- Pull-up resistors: 96
- N-ch open-drain outputs: 95
- 5-V tolerance: 21
 I/O ports for the 100-pin LQFP
- I/O pins: 61
- Input pins: 9
- Pull-up resistors: 62
- N-ch open-drain outputs: 61
- 5-V tolerance: 14
Table 1.12
Data processing (2 of 2)
Feature
Functional description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com