Electronic Components Datasheet Search
  English  ▼

X  

FMS0041 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMS0041
Description  4 Way RF Power Combiner with N Female Connectors, 600 MHz to 6 GHz Frequency Range, 400 Watt Power Rating
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMS0041 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMS0041 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMS0041 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMS0041 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
1
© 2026 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
4 Way RF Power Combiner with N Female Connectors,
600 MHz to 6 GHz Frequency Range, 400 Watt Power Rating
FMS0041
Features
• Broadband frequency range from 600 MHz to 6 GHz
• Equal 4-way power split
• Low insertion loss
• Excellent input and output VSWR
• High isolation between output ports
• 100 watts CW power handling per port
• 400 watts total power handling
• 50 Ohm impedance
• Rugged conductive oxidation finish
• N female connectors
Applications
• RF test and measurement
• Laboratory testing
• Wireless communication systems
• Military and defense RF systems
• Broadcast systems
• Distributed antenna systems (non-Low PIM applications)
• Signal distribution networks
• RF power combining systems
• General-purpose RF integration
Description
The FMS0041 is a 4-way RF Combiner that operates from 600 MHz to 6 GHz. This passive device provides equal power division with low
insertion loss, excellent VSWR, and high power handling of up to 100 watts per port (400 watts total when used as a combiner). Featuring N
female connectors and a rugged conductive oxidation finish, it is designed for reliable performance in RF communication systems, test and
measurement applications, distributed RF systems, and laboratory environments. The broadband design allows the unit to function as either
a power divider or power combiner while maintaining consistent electrical performance across the operating frequency range.
Electrical Specifications
Number of Input Ports
4
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.6
6
GHz
Impedance
50
Ohms
Input VSWR
1.4:1
Output VSWR
1.4:1
Insertion Loss
1.5
dB
Isolation
16
dB
Power Handling (CW)
400
Watts
Mechanical Specifications
Size
Length
11.18 in [283.97 mm]
Width
2.98 in [75.69 mm]
Height
1.14 in [28.96 mm]
Weight
1.1 lbs [498.95 g]
Configuration
Input Connector
N Female
Output Connectors
N Female


Similar Part No. - FMS0041

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMS0040 FAIRVIEW-FMS0040 Datasheet
292Kb / 3P
2 Way RF Power Combiner with N Female Connectors, 600 MHz to 6 GHz Frequency Range, 400 Watt Power Rating
REV A
More results

Similar Description - FMS0041

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZB4CS-700-10W MINI-ZB4CS-700-10W Datasheet
68Kb / 1P
Power wer Splitter/Combiner 4 Way-0째 400 to 700 MHz
ZA2CS-600-10W MINI-ZA2CS-600-10W Datasheet
135Kb / 1P
High Power Combiner 2 Way-0 50廓 100 to 600 MHz
ZB4PD-232-50W MINI-ZB4PD-232-50W Datasheet
167Kb / 1P
High Power Combiner 4 Way-0 50廓 600 to 2300 MHz
ZMSC-2-1 MINI-ZMSC-2-1 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
ZN2PD1-222 MINI-ZN2PD1-222 Datasheet
121Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 600 to 2200 MHz
logo
Stealth Microwave, Inc.
SM04060-37HS STEALTH_MICROWAVE-SM04060-37HS Datasheet
93Kb / 3P
400-600 MHz 4 Watt Linear Power Amplifier
logo
American Accurate Compo...
JXWBHC-T-4-800-2000 AAC-JXWBHC-T-4-800-2000 Datasheet
49Kb / 1P
4-Way Power Combiner
JXWBHC-T-6-800-2000 AAC-JXWBHC-T-6-800-2000 Datasheet
54Kb / 1P
6-Way Power Combiner
logo
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
Radio frequency (RF) range: 6 GHz to 10 GHz
REV. 0
ADAR5000 AD-ADAR5000 Datasheet
328Kb / 9P
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com