Electronic Components Datasheet Search
  English  ▼

X  

MAX17005 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17005
Description  1.2MHz Low-Cost, High-Performance Chargers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17005 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17005 Datasheet HTML 7Page - Maxim Integrated Products MAX17005 Datasheet HTML 8Page - Maxim Integrated Products MAX17005 Datasheet HTML 9Page - Maxim Integrated Products MAX17005 Datasheet HTML 10Page - Maxim Integrated Products MAX17005 Datasheet HTML 11Page - Maxim Integrated Products MAX17005 Datasheet HTML 12Page - Maxim Integrated Products MAX17005 Datasheet HTML 13Page - Maxim Integrated Products MAX17005 Datasheet HTML 14Page - Maxim Integrated Products MAX17005 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1.2MHz Low-Cost,
High-Performance Chargers
______________________________________________________________________________________
11
CSA
A = 17.5V/V
CSSN
CSSP
Gm =
2.8
μA/mV
IINP
GMS
CSIN
CSIP
GMI
ISET
26mV
CHARGER
SHUTDOWN
CELL
SELECT
LOGIC
BATT
VAA
VCTL
GMV
CC
LOWEST
VOLTAGE
CLAMP
CSI
60mV
PWM
FILTER
DHI
DLO
PGND
LX
BST
LEVEL
SHIFT
HIGH-SIDE
DRIVER
LOW-SIDE
DRIVER
CCMP
IMIN
IMAX
IZX
10mV
OVP
DC-DC
CONVERTER
110mV
10mV
BDIV
BDIV
VCTL + 100mV
5.4V LINEAR
REGULATOR
4.2V
REFERENCE
DCIN
LDO
VAA
POWER
FAIL
LDO
GND
BATT
VAA/2
ACOK
LDO
ACIN
MAX17005
MAX17006
MAX17015
CSA
A = 17.5V/V
Figure 2. Functional Diagram
The MAX17005/MAX17006/MAX17015 feature a volt-
age-regulation loop (CCV) and two current-regulation
loops (CCI and CCS). The loops operate independently
of each other. The CCV voltage-regulation loop moni-
tors BATT to ensure that its voltage never exceeds the
voltage set by VCTL. The CCI battery charge current-
regulation loop monitors current delivered to BATT to
ensure that it never exceeds the current limit set by
ISET. The charge current-regulation loop is in control as
long as the battery voltage is below the set point. When
the battery voltage reaches its set point, the voltage-
regulation loop takes control and maintains the battery
voltage at the set point. A third loop (CCS) takes control
and reduces the charge current when the adapter cur-
rent exceeds the input current limit.
The MAX17005/MAX17006/MAX17015 have single-
point compensation. The two current loops are internal-
ly compensated while the voltage loop is compensated
with a series RC network at CC pin. See the
CC Loop
Compensation section for the resistor and capacitor
selection. A functional diagram is shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com