Electronic Components Datasheet Search
  English  ▼

X  

MAX17015 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17015
Description  1.2MHz Low-Cost, High-Performance Chargers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17015 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17015 Datasheet HTML 16Page - Maxim Integrated Products MAX17015 Datasheet HTML 17Page - Maxim Integrated Products MAX17015 Datasheet HTML 18Page - Maxim Integrated Products MAX17015 Datasheet HTML 19Page - Maxim Integrated Products MAX17015 Datasheet HTML 20Page - Maxim Integrated Products MAX17015 Datasheet HTML 21Page - Maxim Integrated Products MAX17015 Datasheet HTML 22Page - Maxim Integrated Products MAX17015 Datasheet HTML 23Page - Maxim Integrated Products MAX17015 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
1.2MHz Low-Cost,
High-Performance Chargers
______________________________________________________________________________________
21
c) Minimize other trace lengths in the high-current
paths.
d) Use > 5mm wide traces in the high-current
paths.
e) Connect CIN to high-side MOSFET (10mm max
length).
f) Minimize the LX node (MOSFETs, rectifier cath-
ode, inductor (15mm max length)). Keep LX on
one side of the PCB to reduce EMI radiation.
Ideally, surface-mount power components are flush
against one another with their ground terminals
almost touching. These high-current grounds are
then connected to each other with a wide, filled
zone of top-layer copper, so they do not go through
vias. The resulting top-layer subground plane is
connected to the normal inner-layer ground plane
at the paddle. Other high-current paths should also
be minimized, but focusing primarily on short
ground and current-sense connections eliminates
about 90% of all PCB layout problems.
2) Place the IC and signal components. Keep the
main switching node (LX node) away from sensitive
analog components (current-sense traces and VAA
capacitor). Important: the IC must be no further than
10mm from the current-sense resistors. Quiet con-
nections to VAA and CC should be returned to a sep-
arate ground (GND) island. There is very little current
flowing in these traces, so the ground island need not
be very large. When placed on an inner layer, a siz-
able ground island can help simplify the layout
because the low-current connections can be made
through vias. The ground pad on the backside of the
package should also be connected to this quiet
ground island.
3) Keep the gate drive traces (DHI and DLO) as short
as possible (L < 20mm), and route them away from
the current-sense lines and VAA. These traces
should also be relatively wide (W > 1.25mm).
4) Place ceramic bypass capacitors close to the IC.
The bulk capacitors can be placed further away.
Place the current-sense input filter capacitors under
the part, connected directly to the GND pin.
5) Use a single-point star ground placed directly
below the part at the PGND pin. Connect the power
ground (ground plane) and the quiet ground island
at this location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com