Electronic Components Datasheet Search
  English  ▼

X  

NA3 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # NA3
Description  digital meter with bargraph
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

NA3 Datasheet(HTML) 2 Page - LUMEL S.A.

  NA3 Datasheet HTML 1Page - LUMEL S.A. NA3 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Export department:
+48 68 45 75 139 /233/
321 / 386
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Sulechowska 1
65-022 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
NA3 digitalmeter with bargraph
Safety and compatibility requirements
Electromagnetic
compatibility
noise immunity
acc. to EN 61000-6-2
noise
emissions
acc. to EN 61000-6-4
Safety requirements
acc. to EN 61010-1
Rated operating conditions
Supply voltage
95...253 V a.c./d.c.,
20...40 V a.c./d.c.
Power consumption < 8 VA
Temperature
ambient: -10...23...55°C
Storage: -25...85°C
Relative humidity
< 95%
Condensation inadmissible
Table 1. Execution code:
NA3 - X X X X X X X X XX X
Meter version:
with a bargraph and digital display
F
Bargraph colour:
3-colour bargraph (R, G, R+G)
T
7-colour bargraph
(R, G, B, R+G, R+B, G+B, R+G+B)
M
Display colour:
red
R
green
G
Input signal:
universal input
U
Analog output signal:
lack
0
current programmable 0/4...20 mA
1
voltage programmable 0...10 V
2
Additional output:
lack
0
RS-485 digital output + 1 relay
1
RS-485 digital output + 1 output of OC type
2
2 relays*
3
2 outputs of OC type
4
Supply:
95...253 V a.c./d.c.
1
20...40 V a.c./d.c.
2
on order*
X
Kind of terminals:
socket-screw plug
0
Version:
standard
00
custom-made*
XX
Acceptance tests:
without an extra quality inspection certificate
8
with an extra quality inspection certificate
7
acc. to customers’s request*
X
* - after agreeing with the manufacturer
Connection diagrams
Fig. 1 External connections of the NA3 meter.
For more information
about LUMEL's
products visit our
website:
www.lumel.com.pl
Ordering Example:
The code: NA3 - F T R U 0 1 1 0 00 8 means:
NA3 - digital meter with bargraph of NA3 type,
F - with a bargraph and digital display,
T - with a 3-colour display,
R - red display colour,
U - universal input,
0 - lack of analog output signal,
1 - additional output: RS-485 digital output + 1 relay,
1 - supply voltage: 95...253 V a.c./d.c.,
0 - socket-screw plug,
00 - standard version,
8 - without extra quality requirements.
NA3-19A/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com